Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P2556-9Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA9P2556-9Z
Description  57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P2556-9Z Datasheet(HTML) 5 Page - Intersil Corporation

  HA9P2556-9Z Datasheet HTML 1Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 2Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 3Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 4Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 5Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 6Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 7Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 8Page - Intersil Corporation HA9P2556-9Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN2477.7
April 25, 2013
Simplified Schematic
Application Information
Operation at Reduced Supply Voltages
The HA-2556 will operate over a range of supply voltages,
±5V to ±15V. Use of supply voltages below ±12V will reduce
input and output voltage ranges. See “Typical Performance
Curves” on page 12 for more information.
Offset Adjustment
X-Channel and Y-Channel offset voltages may be nulled by
using a 20k potentiometer between the VYIO or VXIO adjust
pin A and B and connecting the wiper to V-. Reducing the
channel offset voltage, will reduce AC feedthrough and
improve the multiplication error. Output offset voltage can
also be nulled by connecting VZ- to the wiper of a
potentiometer which is tied between V+ and V-.
Capacitive Drive Capability
When driving capacitive loads >20pF a 50
Ω resistor should
be connected between VOUT and VZ+, using VZ+ as the
output (see Figure 1). This will prevent the multiplier from
going unstable and reduce gain peaking at high frequencies.
The 50
Ω resistor will dampen the resonance formed with the
capacitive load and the inductance of the output at Pin 8.
Gain accuracy will be maintained because the resistor is
inside the feedback loop.
Theory of Operation
The HA-2556 creates an output voltage that is the product
of the X and Y input voltages divided by a constant scale
factor of 5V. The resulting output has the correct polarity in
each of the four quadrants defined by the combinations of
positive and negative X and Y inputs. The Z stage provides
the means for negative feedback (in the multiplier
configuration) and an input for summation into the output.
This results in Equation 1, where X, Y and Z are high
impedance differential inputs.
To accomplish this the differential input voltages are first
converted into differential currents by the X and Y input
transconductance stages. The currents are then scaled by a
constant reference and combined in the multiplier core. The
multiplier core is a basic Gilbert Cell that produces a
differential output current proportional to the product of X and
Y input signal currents. This current becomes the output for
the HA-2557.
The HA-2556 takes the output current of the core and feeds it
to a transimpedance amplifier, that converts the current to a
voltage. In the multiplier configuration, negative feedback is
provided with the Z transconductance amplifier by connecting
VOUT to the Z input. The Z stage converts VOUT to a current
which is subtracted from the multiplier core before being
applied to the high gain transimpedance amp. The Z stage, by
virtue of it’s similarity to the X and Y stages, also cancels
second order errors introduced by the dependence of VBE on
collector current in the X and Y stages.
VBIAS
OUT
VZ-
VCC
VZ+
V-
V+
VYIOA
VYIOB
VY-
VY+
VXIOAVXIOB
VX+
REF
GND
VX-
+
-
VBIAS
NC
NC
VY+
-15V
VOUT
+15V
VX+
NC
NC
50
Ω
1k
Ω
20pF
NC
NC
VZ-
VZ+
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
+
-
+
-
+
-
FIGURE 1. DRIVING CAPACITIVE LOAD
V
OUT = Z
X x Y
5
--------------
=
(EQ. 1)
HA-2556


Similar Part No. - HA9P2556-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Renesas Technology Corp
HA9P2556-9Z RENESAS-HA9P2556-9Z Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results

Similar Description - HA9P2556-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com