Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7457CUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7457CUZ-T7
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7457CUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7457CUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FN7288.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2002-2005, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
EL7457
40MHz Non-Inverting Quad CMOS Driver
The EL7457 is a high speed, non-inverting, quad CMOS
driver. It is capable of running at clock rates up to 40MHz
and features 2A peak drive capability and a nominal
on-resistance of just 3
Ω. The EL7457 is ideal for driving
highly capacitive loads, such as storage and vertical clocks
in CCD applications. It is also well suited to ATE pin driving,
level-shifting, and clock-driving applications.
The EL7457 is capable of running from single or dual power
supplies while using ground referenced inputs. Each output
can be switched to either the high (VH) or low (VL) supply
pins, depending on the related input pin. The inputs are
compatible with both 3V and 5V CMOS and TTL logic. The
output enable (OE) pin can be used to put the outputs into a
high-impedance state. This is especially useful in CCD
applications, where the driver should be disabled during
power down.
The EL7457 also features very fast rise and fall times which
are matched to within 1ns. The propagation delay is also
matched between rising and falling edges to within 2ns.
The EL7457 is available in 16-pin QSOP, 16-pin SO
(0.150"), and 16-pin QFN packages. All are specified for
operation over the full -40°C to +85°C temperature range.
Pinouts
Features
• Clocking speeds up to 40MHz
• 4 channels
• 12ns tR/tF at 1000pF CLOAD
• 1ns rise and fall time match
• 1.5ns prop delay match
• Low quiescent current - <1mA
• Fast output enable function - 12ns
• Wide output voltage range
•8V
≥ VL ≥ -5V
•-2V
≤ V
H ≤ 16.5V
• 2A peak drive
•3
Ω on resistance
• Input level shifters
• TTL/CMOS input-compatible
• Pb-free (RoHS compliant)
Applications
• CCD drivers
• Digital cameras
• Pin drivers
• Clock/line drivers
• Ultrasound transducer drivers
• Ultrasonic and RF generators
• Level shifting
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
1
2
3
4
12
11
10
9
INB
VL
VL
GND
OUTB
VH
VH
OUTC
THERMAL
PAD*
INA
OE
INB
VL
GND
NC
INC
IND
VS+
OUTA
OUTB
NC
VH
OUTC
OUTD
VS-
EL7457
[16-PIN SO (0.150”),
QSOP (0.150”)]
TOP VIEW
EL7457
[16-PIN QFN (4X4MM)]
TOP VIEW
* THERMAL PAD CONNECTED
TO PIN 7 (VS-)
Data Sheet
January 26, 2012


Similar Part No. - EL7457CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457CUZ-T7 INTERSIL-EL7457CUZ-T7 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457CUZ-T7 RENESAS-EL7457CUZ-T7 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
EL7457CUZ-T7A RENESAS-EL7457CUZ-T7A Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com