Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APBD3224LSURKQBDC Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APBD3224LSURKQBDC
Description  Low power consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBD3224LSURKQBDC Datasheet(HTML) 4 Page - Kingbright Corporation

  APBD3224LSURKQBDC Datasheet HTML 1Page - Kingbright Corporation APBD3224LSURKQBDC Datasheet HTML 2Page - Kingbright Corporation APBD3224LSURKQBDC Datasheet HTML 3Page - Kingbright Corporation APBD3224LSURKQBDC Datasheet HTML 4Page - Kingbright Corporation APBD3224LSURKQBDC Datasheet HTML 5Page - Kingbright Corporation APBD3224LSURKQBDC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAO4554
REV NO: V.1A
DATE: AUG/01/2015
PAGE: 4 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203015162
Blue


Similar Part No. - APBD3224LSURKQBDC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APBD3224LSURKQBDC TO-GRACE-APBD3224LSURKQBDC Datasheet
944Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
More results

Similar Description - APBD3224LSURKQBDC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com