Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5263IYZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5263IYZ-T7
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5263IYZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5263IYZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5263IYZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DATASHEET
500MHz Low Power Current Feedback Amplifiers with
Enable
EL5162, EL5163, EL5262,
EL5263, EL5362
The EL5162, EL5163, EL5262, EL5263 and EL5362 are
current feedback amplifiers with a bandwidth of 500MHz. This
makes these amplifiers ideal for today’s high speed video and
monitor applications.
With a supply current of just 1.5mA per amplifier and the
ability to run from a single supply voltage from 5V to 12V,
these amplifiers are also ideal for handheld, portable or
battery-powered equipment.
The EL5162, EL5262 and EL5362 also incorporate an enable
and disable function to reduce the supply current to 14µA
typical per amplifier. Allowing the CE pin to float or applying a
low logic level enables the amplifier.
The EL5162 is available in 6 Ld SOT-23 and 8 Ld SOIC
packages, the EL5163 in 5 Ld SOT-23 and SC-70 packages,
the EL5262 in the 10 Ld MSOP package, the EL5263 in 8 Ld
MSOP and SOIC packages, and the EL5362 in 16 Ld SOIC
(0.150”) and QSOP packages. All operate over the industrial
temperature range of -40°C to +85°C.
Features
• 500MHz -3dB bandwidth
• 4000V/µs slew rate (EL5162 and EL5163)
• 1.5mA supply current per amplifier
• Single and dual supply operation, from 5V to 12V supply
span
• Fast enable/disable (EL5162, EL5262 and EL5362 only)
• Available in SOT-23 packages
• Pb-free (RoHS compliant)
• High speed, 1.4GHz product available (EL5166 and EL5167)
• High speed, 4mA, 600MHz product available (EL5164,
EL5165 and EL5364)
Applications
• Battery-powered equipment
• Handheld portable devices
• Video amplifiers
•Cable drivers
•RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2004, 2005, 2007, 2008, 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
August 26, 2015
FN7388.13


Similar Part No. - EL5263IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5263IYZ-T7 INTERSIL-EL5263IYZ-T7 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5263IYZ-T7 RENESAS-EL5263IYZ-T7 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5263IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com