Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7154CS-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7154CS-T13
Description  High Speed, Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7154CS-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7154CS-T13 Datasheet HTML 1Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 2Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 3Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 4Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 5Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 6Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 7Page - Intersil Corporation EL7154CS-T13 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN7278.3
September 7, 2010
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG.
DWG. #
EL7154CN
EL7154CN
8 Ld PDIP
MDP0031
EL7154CNZ
EL7154CN Z
8 Ld PDIP* (Pb-free)
MDP0031
EL7154CS
7154CS
8 Ld SOIC
MDP0027
EL7154CS-T7**
7154CS
8 Ld SOIC
MDP0027
EL7154CS-T13**
7154CS
8 Ld SOIC
MDP0027
EL7154CSZ (See Note)
7154CSZ
8 Ld SOIC (Pb-free)
MDP0027
EL7154CSZ-T7** (See Note)
7154CSZ
8 Ld SOIC (Pb-free)
MDP0027
EL7154CSZ-T13** See Note)
7154CSZ
8 Ld SOIC (Pb-free)
MDP0027
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
**Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Nominal Operating Voltage Range
PIN
MIN
MAX
VL
-3
0
VDD to VL
515
VH to VL
215
VDD to VH
-0.5
15
VDD
515
EL7154


Similar Part No. - EL7154CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154CS-T13 INTERSIL-EL7154CS-T13 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
More results

Similar Description - EL7154CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com