Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5462ISZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5462ISZ
Description  500MHz Low Power Current Feedback Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5462ISZ Datasheet(HTML) 8 Page - Intersil Corporation

  EL5462ISZ Datasheet HTML 1Page - Intersil Corporation EL5462ISZ Datasheet HTML 2Page - Intersil Corporation EL5462ISZ Datasheet HTML 3Page - Intersil Corporation EL5462ISZ Datasheet HTML 4Page - Intersil Corporation EL5462ISZ Datasheet HTML 5Page - Intersil Corporation EL5462ISZ Datasheet HTML 6Page - Intersil Corporation EL5462ISZ Datasheet HTML 7Page - Intersil Corporation EL5462ISZ Datasheet HTML 8Page - Intersil Corporation EL5462ISZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7492.0
February 14, 2005
PDMAX for each amplifier can be calculated as follows:
where:
•VS = Supply voltage
•ISMAX = Maximum supply current of 1.5mA
•VOUTMAX = Maximum output voltage (required)
•RL = Load resistance
Typical Application Circuits
PDMAX
2
(
VS ISMAX)
VS
(
VOUTMAX)
VOUTMAX
RL
----------------------------
×
+
×
×
=
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
500
5
5
500
500
VOUT
VIN
0.1µF
0.1µF
+5V
-5V
FIGURE 16. INVERTING 200mA OUTPUT CURRENT
DISTRIBUTION AMPLIFIER
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
0.1µF
0.1µF
500
500
500
500
VOUT
VIN
+5V
-5V
FIGURE 17. FAST-SETTLING PRECISION AMPLIFIER
EL5462


Similar Part No. - EL5462ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462ISZ INTERSIL-EL5462ISZ Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Renesas Technology Corp
EL5462ISZ RENESAS-EL5462ISZ Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462ISZ-T13 INTERSIL-EL5462ISZ-T13 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Renesas Technology Corp
EL5462ISZ-T13 RENESAS-EL5462ISZ-T13 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462ISZ-T7 INTERSIL-EL5462ISZ-T7 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
More results

Similar Description - EL5462ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com