Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5178ISZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5178ISZ
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5178ISZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5178ISZ Datasheet HTML 6Page - Intersil Corporation EL5178ISZ Datasheet HTML 7Page - Intersil Corporation EL5178ISZ Datasheet HTML 8Page - Intersil Corporation EL5178ISZ Datasheet HTML 9Page - Intersil Corporation EL5178ISZ Datasheet HTML 10Page - Intersil Corporation EL5178ISZ Datasheet HTML 11Page - Intersil Corporation EL5178ISZ Datasheet HTML 12Page - Intersil Corporation EL5178ISZ Datasheet HTML 13Page - Intersil Corporation EL5178ISZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EL5178, EL5378
10
FN7491.6
August 19, 2015
Submit Document Feedback
FIGURE 31. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1.087W
JA = +115°C/W
MSOP8
1.583W
JA = +79°C/W
QSOP28
1.136W
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
25
75
100
150
1.8
1.4
0.4
0
AMBIENT TEMPERATURE (°C)
1.6
1.2
0.2
50
125
0.8
1.0
0.6
85
JA = +110°C/W
SO8


Similar Part No. - EL5178ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178ISZ RENESAS-EL5178ISZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ-T13 INTERSIL-EL5178ISZ-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ-T7 INTERSIL-EL5178ISZ-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5178ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com