Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1750S-33 Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM1750S-33
Description  350mA, Micropower, Very Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1750S-33 Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM1750S-33 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1750S-33 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
1/18
UM1650 UM1750
350mA, Micropower, Very Low Dropout Linear Regulator
UM1650S-xx SOT23-3
UM1750S-xx SOT23-5
UM1750Y-xx SOT89-5
UM1750DA-xx DFN6 2.0×2.0
General Description
The UM1650/UM1750 series are very low dropout linear regulators designed for low power
portable applications. Typical output noise is only 195μVRMS and maximum dropout is just
110mV(Typ) at the load current of 150mA.The internal P-channel MOSFET pass transistor
requires no base current, allowing the device to draw only 190μA during normal operation at the
maximum load current of 350mA.With a shutdown control pin, the UM1750 consumes less than
1μA current in shutdown mode.
Other features include high output voltage accuracy, excellent transient response, under voltage
lockout, stability with ultralow ESR ceramic capacitors as small as 1μF, short-circuit and thermal
overload protection and output current limiting.
The UM1650 series are available in a low profile SOT23-3 package. The UM1750 series are
available in low profile SOT23-5, SOT89-5 and DFN6 2.0×2.0 packages.
Applications
Features
Bluetooth/802.11 Cards
PDAs and Notebook Computers
Portable Instruments and
Battery-Powered Systems
Cellular Phones
Very Low Dropout: 150mV(max) at 150mA
Maximum Input Voltage: 6.0V
±2% Voltage Accuracy at VOUT>1.5V
±30mV Voltage Accuracy at VOUT≤1.5V
Fast Transient Response
Under Voltage Lockout
Fixed Output Voltage of UM1650S-xx and
UM1750S/Y/DA-xx from 1.0V to 4.0V with
0.1V Interval
Adjustable Output Voltage of
UM1750S/Y/DA-00 from 1.0V to 5.0V
Output Current Limit
Stable with 1μF Output Capacitor
Short-Circuit and Thermal Overload
Protection
Low Profile SOT23-3, SOT23-5, SOT89-5
and DFN6 2.0×2.0 Packages


Similar Part No. - UM1750S-33

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17512 UNIONSEMI-UM17512 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17513 UNIONSEMI-UM17513 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17515 UNIONSEMI-UM17515 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17518 UNIONSEMI-UM17518 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17525 UNIONSEMI-UM17525 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1750S-33

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com