Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC164 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC164
Description  8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC164 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC164_15 Datasheet HTML 1Page - Unisonic Technologies U74HC164_15 Datasheet HTML 2Page - Unisonic Technologies U74HC164_15 Datasheet HTML 3Page - Unisonic Technologies U74HC164_15 Datasheet HTML 4Page - Unisonic Technologies U74HC164_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-309.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~ +7
V
VCC or GND Current
ICC
±50
mA
Output Current
IOUT
±25
mA
Input Diode Current
IIK
±20
mA
Switch Diode Current
IOK
±20
mA
DIP-14
750
mW
SOP-14
500
mW
Power Dissipation
TSSOP-14
PD
500
mW
Storage Temperature
TSTG
-65 ~ +150
°С
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
VCC=2V
1000
ns
VCC=4.5V
6.0
500
ns
Input Transition Rise or Fall Rate
t/v
VCC=6V
400
ns
Operating Temperature
TA
-40
125
°С
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
V
Input Voltage High-Level
VIH
VCC=6.0V
4.2
3.2
V
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
V
Input Voltage Low-Level
VIL
VCC=6.0V
2.8
1.8
V
VCC=2.0V, IOH=20µA
1.9
2.0
V
VCC=4.5V, IOH=20µA
4.4
4.5
V
VCC=6.0V, IOH=20µA
5.9
6.0
V
VCC=4.5V, IOH=4mA
3.98
4.32
V
Output Voltage High-Level
VOH
VCC=6.0V, IOH= 5.2mA
5.48
5.81
V
VCC=2.0V, IOL=20µA
0
0.1
V
VCC=4.5V, IOL=20µA
0
0.1
V
VCC=6.0V, IOL=20µA
0
0.1
V
VCC=4.5V, IOL=4mA
0.15
0.26
V
Output Voltage Low-Level
VOL
VCC=6.0V, IOL=5.2mA
0.16
0.26
V
Input Leakage Current
II(LEAK)
VIN=VCC or GND, VCC=6.0V
±0.1
µA
Quiescent Supply Current
IQ
VIN=VCC or GND,
VCC=6.0V, IOUT=0
8
µA
Input Capacitance
CIN
3.5
pF


Similar Part No. - U74HC164_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC164 UTC-U74HC164_18 Datasheet
226Kb / 5P
   8-BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER
More results

Similar Description - U74HC164_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC164 UTC-U74HC164 Datasheet
161Kb / 5P
   8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com