Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1750S-14 Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM1750S-14
Description  350mA, Micropower, Very Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1750S-14 Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM1750S-14 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 12Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 13Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 14Page - Union Semiconductor, Inc. UM1750S-14 Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
11/18
UM1650 UM1750
Typical Application Circuit
VIN
VOUT
GND
CIN
1μF
VIN
COUT
1μF
VOUT
Figure 1. UM1650S-xx Typical Application Circuit
VIN
VOUT
SHDN
GND
CIN
1
μF
VIN
Chip Enable
COUT
1
μF
VOUT
Figure 2. UM1750S-xx/UM1750Y-xx/UM1750DA-xx (Fixed VOUT) Typical Application Circuit
VIN
VOUT
SHDN
GND
FB
CIN
1
μF
VIN
Chip Enable
COUT
1
μF
VOUT
R1
R2
Figure 3. UM1750S-00/UM1750Y-00/UM1750DA-00 (Adjustable VOUT) Typical Application Circuit:
UM1750S-00/UM1750Y-00/UM1750DA-00 Output Voltage Setting
The output voltage of the UM1750 adjustable regulator is programmed using an external resistor
divider as shown in Figure 3. The output voltage is calculated using:
 
2
1
1
R
R
V
V
FB
O
Where: VFB = 1.00V (Typ) (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 3-5μA divider current. Lower value
resistors can be used but offer no inherent advantage and waste more power. Higher values should
be avoided, as leakage currents at FB increase the output voltage error. The recommended design
procedure is to choose R2 = 200kΩ to set the divider current at 5μA and then calculate R1 using:
2
1
1
R
V
V
R
FB
O


Where: VFB = 1.00V (Typ).


Similar Part No. - UM1750S-14

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM17512 UNIONSEMI-UM17512 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17513 UNIONSEMI-UM17513 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17515 UNIONSEMI-UM17515 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17518 UNIONSEMI-UM17518 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM17525 UNIONSEMI-UM17525 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM1750S-14

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C_17 Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
   150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com