Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AHC02G-P14-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC02G-P14-T
Description  2-INPUT NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC02G-P14-T Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC02G-P14-T Datasheet HTML 1Page - Unisonic Technologies U74AHC02G-P14-T Datasheet HTML 2Page - Unisonic Technologies U74AHC02G-P14-T Datasheet HTML 3Page - Unisonic Technologies U74AHC02G-P14-T Datasheet HTML 4Page - Unisonic Technologies U74AHC02G-P14-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC02
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-344.C
2-INPUT NOR GATE
DESCRIPTION
The UTC U74AHC02 are independent 2-input NOR gates
which provides the function
B
+
A
=
Y
.
FEATURES
* Operation Voltage Range: 2.0~5.5V
* Low Power Dissipation
* High Noise Immunity
* Balanced Propagation Delays
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC02L-S14-R
U74AHC02G-S14-R
SOP-14
Tape Reel
U74AHC02L-S14-T
U74AHC02G-S14-T
SOP-14
Tube
U74AHC02L-P14-R
U74AHC02G-P14-R
TSSOP-14
Tape Reel
U74AHC02L-P14-T
U74AHC02G-P14-T
TSSOP-14
Tube


Similar Part No. - U74AHC02G-P14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC02 UTC-U74AHC02 Datasheet
169Kb / 5P
   2-INPUT NOR GATE
More results

Similar Description - U74AHC02G-P14-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com