Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2012SF4C-PRV Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APT2012SF4C-PRV
Description  Mechanically and spectrally matched to the phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT2012SF4C-PRV Datasheet(HTML) 3 Page - Kingbright Corporation

  APT2012SF4C-PRV Datasheet HTML 1Page - Kingbright Corporation APT2012SF4C-PRV Datasheet HTML 2Page - Kingbright Corporation APT2012SF4C-PRV Datasheet HTML 3Page - Kingbright Corporation APT2012SF4C-PRV Datasheet HTML 4Page - Kingbright Corporation APT2012SF4C-PRV Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAJ1371
REV NO: V.4B
DATE: MAY/05/2015
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1203008893
APT2012SF4C-PRV


Similar Part No. - APT2012SF4C-PRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APT2012SF4C-PRV TO-GRACE-APT2012SF4C-PRV Datasheet
1Mb / 5P
   2.0x1.25 mm INFRARED EMITTING DIODE
More results

Similar Description - APT2012SF4C-PRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528F3S KINGBRIGHT-AA3528F3S Datasheet
272Kb / 6P
   Mechanically and spectrally matched to the phototransistor
APT1608SF4C-PRV KINGBRIGHT-APT1608SF4C-PRV Datasheet
228Kb / 5P
   Mechanically and spectrally matched to phototransistor
logo
Lite-On Technology Corp...
LTE-5208A LITEON-LTE-5208A Datasheet
92Kb / 3P
   MECHANICALLY AND SPECTRALLY MATCHED TO THE LTR - 3208 SERIES IF PHOTOTRANSISTOR
logo
Vectron International, ...
TFS1575L VECTRON-TFS1575L Datasheet
28Kb / 1P
   The filter is matched to 50 廓 single
logo
Kingbright Corporation
SA03-11CGKWA KINGBRIGHT-SA03-11CGKWA Datasheet
370Kb / 6P
   Mechanically rugged
logo
Omron Electronics LLC
MMK OMRON-MMK Datasheet
2Mb / 14P
   Mechanically Latching Relays Based on the MM Power Relay
logo
Advanced Semiconductor
PDFP1000-1215 ASI-PDFP1000-1215 Datasheet
1Mb / 5P
   Input and Output Matched to 50 Ohms
logo
List of Unclassifed Man...
IS654A ETC1-IS654A Datasheet
47Kb / 3P
   3mm DIA. MATCHED INFRARED EMITTER DETECTOR PAIR PHOTOTRANSISTOR OUTPUT
logo
Taoglas antenna solutio...
TLS.01.1F11 TAOGLAS-TLS.01.1F11 Datasheet
8Mb / 19P
   Mechanically robust for indoor
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com