Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7Y14-80E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK7Y14-80E
Description  N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y14-80E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7Y14-80E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y14-80E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK7Y14-80E
N-channel 80 V, 14 mΩ standard level MOSFET in LFPAK56
BUK7Y14-80E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
8 May 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected to
drain
mb
1 2 3 4
LFPAK56; Power-
SO8 (SOT669)
S
D
G
mbb076
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK7Y14-80E
LFPAK56;
Power-SO8
Plastic single-ended surface-mounted package (LFPAK56;
Power-SO8); 4 leads
SOT669
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK7Y14-80E
71480E
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
80
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
80
V
VGS
gate-source voltage
Tj ≤ 175 °C; DC
-20
20
V
Tmb = 25 °C; VGS = 10 V; Fig. 1
-
65
A
ID
drain current
Tmb = 100 °C; VGS = 10 V; Fig. 1
-
46
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
259
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
147
W
Tstg
storage temperature
-55
175
°C


Similar Part No. - BUK7Y14-80E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y14-80E NEXPERIA-BUK7Y14-80E Datasheet
764Kb / 13P
   N-channel 80 V, 14 mΩ standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y14-80E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y14-80E NXP-BUK7Y14-80E Datasheet
350Kb / 13P
   N-channel 80 V, 14 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
PSMN014-80YL NEXPERIA-PSMN014-80YL Datasheet
764Kb / 13P
   N-channel 80 V, 14 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y7R8-80E NXP-BUK7Y7R8-80E Datasheet
298Kb / 13P
   N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y9R9-80E NXP-BUK7Y9R9-80E Datasheet
294Kb / 13P
   N-channel 80 V, 9.9 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E NXP-BUK7Y25-80E Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y72-80E NXP-BUK7Y72-80E Datasheet
317Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-80E PHILIPS-BUK7Y25-80E_15 Datasheet
347Kb / 13P
   N-channel 80 V, 25 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y72-80E PHILIPS-BUK7Y72-80E_15 Datasheet
326Kb / 13P
   N-channel 80 V, 72 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y41-80E PHILIPS-BUK7Y41-80E_15 Datasheet
353Kb / 13P
   N-channel 80 V, 41 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y98-80E NXP-BUK7Y98-80E Datasheet
467Kb / 13P
   N-channel 80 V, 98 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com