Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61240-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61240-Q1
Description  3.5-MHz High Efficiency Step-Up Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61240-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61240-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS61240-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
V
=3.6V,V
=5V,I
=10mA
IN
OUT
OUT
V
=20mV/div
OUT
SW=5V/div
I
=200mA/div
COIL
t-TimeBase-1 s/div
m
3
3.5
4
4.5
5
5.5
100
150
200
250
300
350
400
450
500
I
-OutputCurrent-mA
O
3V
4V
5V
V
=3.6V,V
=5V,I
=150mA
IN
OUT
OUT
V
=10mV/div
OUT
SW=5V/div
I
=200mA/div
COIL
t-TimeBase-20 s/div
m
V
=100mV/dIV
OUT
I
=100mA/dIV
COIL
V
=3.6V
I
=0-50mA
IN
OUT
V
=5V
OUT
0mA
50mA
I
=100mA/div
OUT
t-TimeBase-20 s/div
m
TPS61240-Q1
SLVSAO4 – DECEMBER 2010
www.ti.com
Figure 7. Frequency vs Output Load
Figure 8. Output Voltage Ripple – PFM Mode
Figure 9. Output Voltage Ripple – PWM Mode
Figure 10. Load Transient Response 0mA–50mA and
50mA–0mA
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS61240-Q1


Similar Part No. - TPS61240-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com