Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61222-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61222-EP_15 Datasheet HTML 5Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 6Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 7Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 8Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 9Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 10Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 11Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 12Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
I
L
t
200mA
(typ.)
ContinuousCurrentOperation
DiscontinuousCurrentOperation
200mA
(typ.)
TPS61222-EP
www.ti.com
SLVSBI2 – SEPTEMBER 2012
DETAILED DESCRIPTION
OPERATION
The TPS61222 is a high performance, high efficient switching boost converter. To achieve high efficiency the
power stage is realized as a synchronous boost topology. For the power switching two actively controlled low
RDSon power MOSFETs are implemented.
CONTROLLER CIRCUIT
The device is controlled by a hysteretic current mode controller. This controller regulates the output voltage by
keeping the inductor ripple current constant in the range of 200 mA and adjusting the offset of this inductor
current depending on the output load. In case the required average input current is lower than the average
inductor current defined by this constant ripple the inductor current gets discontinuous to keep the efficiency high
at low load conditions.
Figure 9. Hysteretic Current Operation
The output voltage VOUT is monitored via the feedback network which is connected to the voltage error amplifier.
To regulate the output voltage, the voltage error amplifier compares this feedback voltage to the internal voltage
reference and adjusts the required offset of the inductor current accordingly. At fixed output voltage versions an
internal feedback network is used to program the output voltage, at adjustable versions an external resistor
divider needs to be connected.
The self oscillating hysteretic current mode architecture is inherently stable and allows fast response to load
variations. It also allows using inductors and capacitors over a wide value range.
Device Enable and Shutdown Mode
The device is enabled when EN is set high and shut down when EN is low. During shutdown, the converter stops
switching and all internal control circuitry is turned off. In this case the input voltage is connected to the output
through the back-gate diode of the rectifying MOSFET. This means that there always will be voltage at the output
which can be as high as the input voltage or lower depending on the load.
Startup
After the EN pin is tied high, the device starts to operate. In case the input voltage is not high enough to supply
the control circuit properly a startup oscillator starts to operate the switches. During this phase the switching
frequency is controlled by the oscillator and the maximum switch current is limited. As soon as the device has
built up the output voltage to about 1.8V, high enough for supplying the control circuit, the device switches to its
normal hysteretic current mode operation. The startup time depends on input voltage and load current.
Operation at Output Overload
If in normal boost operation the inductor current reaches the internal switch current limit threshold the main
switch is turned off to stop further increase of the input current.
In this case the output voltage will decrease since the device can not provide sufficient power to maintain the set
output voltage.
If the output voltage drops below the input voltage the backgate diode of the rectifying switch gets forward biased
and current starts flow through it. This diode cannot be turned off, so the current finally is only limited by the
remaining DC resistances. As soon as the overload condition is removed, the converter resumes providing the
set output voltage.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS61222-EP


Similar Part No. - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com