Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61175-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61175-Q1
Description  TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61175-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS61175-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SW
Ramp
Generator
Oscillator
Current
Sensor
EN
PGND
C4
L1
+
EA
R2
C2
VIN
PWM Control
COMP
R1
R3
R4
C3
SS
FREQ
SYNC
FB
FB
Gate
Driver
C1
AGND
D1
1.229 V
Reference
TPS61175-Q1
SLVSCN9 – DECEMBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The TPS61175-Q1 integrates a 40-V low side switch FET for up to 38-V output. The device regulates the output
with current mode PWM (pulse width modulation) control. The PWM control circuitry turns on the switch at the
beginning of each switching cycle. The input voltage is applied across the inductor and stores the energy as
inductor current ramps up. During this portion of the switching cycle, the load current is provided by the output
capacitor. When the inductor current rises to the threshold set by the error amplifier output, the power switch
turns off and the external Schottky diode is forward biased. The inductor transfers stored energy to replenish the
output capacitor and supply the load current. This operation repeats each every switching cycle. As shown in the
block diagram, the duty cycle of the converter is determined by the PWM control comparator which compares the
error amplifier output and the current signal. The switching frequency is programmed by the external resistor or
synchronized to an external clock signal.
A ramp signal from the oscillator is added to the current ramp to provide slope compensation. Slope
compensation is necessary to avoid subharmonic oscillation that is intrinsic to the current mode control at duty
cycle higher than 50%. If the inductor value is lower than 4.7
μH, the slope compensation may not be adequate.
The feedback loop regulates the FB pin to a reference voltage through a transconductance error amplifier. The
output of the error amplifier is connected to the COMP pin. An external RC compensation network is connected
to the COMP pin to optimize the feedback loop for stability and transient response.
8.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61175-Q1


Similar Part No. - TPS61175-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com