Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61170-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61170-Q1
Description  TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm2-mm SON Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61170-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61170-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS61170-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
800
900
1000
1100
1200
1300
1400
1500
1600
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
800
900
1000
1100
1200
1300
1400
1500
1600
20
30
40
50
60
70
80
90
DutyCycle-%
40
50
60
70
80
90
100
0
50
100
150
200
250
300
VOUT =24V
VIN=8.5V
VIN=5V
VIN=12V
OutputCurrent-mA
11.88
11.90
11.92
11.94
11.96
3
4
5
6
7
8
9
10
11
V -InputVoltage-V
I
T
=25°C
A
I
=100mA
LOAD
T
=85°C
A
T
=-40°C
A
TPS61170-Q1
SLVSAX2A – SEPTEMBER 2011 – REVISED JULY 2015
www.ti.com
7.7 Typical Characteristics
L = TOKO A915_Y-100M, D1 = ONsemi MBR0540T1, unless otherwise noted
Table 1. Table of Graphs
Typical Application
FIGURE
Efficiency
VIN = 5V; VOUT = 12 V, 18 V, 24 V, 30 V
Figure 17
Efficiency
VIN = 5 V, 8.5 V, 12 V; VOUT = 24 V
Figure 1
Output voltage accuracy
ILOAD= 100 mA
Figure 2
Switch current limit
TA = 25°C
Figure 3
Switch current limit
Figure 4
Error amplifier transconductance
Figure 5
EasyScale step
Figure 6
PWM switching operation
VIN = 5 V; VOUT = 12 V; ILOAD= 250 mA
Figure 7
Load transient response
VIN = 5 V; VOUT = 12 V; ILOAD= 50 mA to 150 mA
Figure 8
Start-up
VIN = 5 V; VOUT = 12 V; ILOAD= 250 mA
Figure 9
Skip-cycle switching
VIN = 9 V ; VOUT = 12 V, ILOAD= 100 μA
Figure 10
Figure 2. Output Voltage vs Input Voltage
Figure 1. Efficiency vs Output Current
Figure 3. Switch Current Limit vs Duty Cycle
Figure 4. Switch Current Limit vs Temperature
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS61170-Q1


Similar Part No. - TPS61170-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results

Similar Description - TPS61170-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
[Old version datasheet]   TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com