Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM4953 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BLM4953
Description  P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM4953 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BLM4953 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM4953 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM4953 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM4953 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM4953 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM4953 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
V2.0
Page2
BLM4953
Pb Free Product
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250µA
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
µA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250µA
-1
-1.6
-3
V
VGS=-10V, ID=-5.1A
-
48
55
m
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4.2A
-
73
105
m
Forward Transconductance
gFS
VDS=-15V,ID=-4.5A
4
7
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
520
-
PF
Output Capacitance
Coss
-
130
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
70
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
15
-
nS
Turn-on Rise Time
tr
-
13
-
nS
Turn-Off Delay Time
td(off)
-
58
-
nS
Turn-Off Fall Time
tf
VDD=-15V, ID=-1A,
VGS=-10V,RGEN=6
-
21
-
nS
Total Gate Charge
Qg
-
12
-
nC
Gate-Source Charge
Qgs
-
2.2
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-5.3A,VGS=-10V
-
3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1.7A
-
-
-1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production


Similar Part No. - BLM4953

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM41A102SGPT MURATA-BLM41A102SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
BLM41A121SGPT MURATA-BLM41A121SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
BLM41A151S MURATA-BLM41A151S Datasheet
551Kb / 11P
   EMIFIL Inductor Type SMD
BLM41A151S MURATA-BLM41A151S Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
BLM41A151S MURATA-BLM41A151S Datasheet
190Kb / 5P
   Product Specification for Reference Only
More results

Similar Description - BLM4953

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com