Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8584 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8584
Description  6-Channels WLED Linear Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8584 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8584 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8584 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8584 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8584 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8584 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
6-Channels WLED Linear Driver
BL8584
MARKING INFORMATION
Product Classification
BL8584CJKTR
Marking
Top view
KC
LLNYW
KC: Product Code
LL: LOT No.
N: FAB Code
Y: Year No.
W: Week No.
ORDERING INFORMATION
BL8584
1
2
3
Code
Description
1
Temperature&Rohs:
C: -40~85
°C, Pb Free Rohs Std.
2
Package type:
JK: QFN 3X3 –16
3
Packing type:
TR:Tape&Reel (Standard)
PIN DESCRIPTION
Name
Function Description
D1-D6
RGB or WLED Cathode Connection Pin
EN
Chip Enable and Dimming Control.
Pin15 and Pin16 both are EN pins, they are shorted internally, so
please don’t connect one of them to GND
VIN
Power Supply
GND
Ground
NC
Not Connected
ABSOLUTE MAXIMUM RATING
Supply voltage
–0.3V to 7V
Voltage of LEDn, EN pin
–0.3V to 7V
Maximum Junction Temperature
125°C
Operating Ambient Temperature Range
–40°C to 85°C
Storage Temperature Range
–40°C to 150°C
Lead Temperature (Soldering, 10 sec)
260°C
Note: Exceed these limits to damage to the device.
Note: Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Items
MIN
MAX
Unit
Supply Voltage Range
2.7
5.5
V
Operating Temperature
-25
85
°C


Similar Part No. - BL8584

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8580 BELLING-BL8580 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580/1 BELLING-BL8580/1 Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8580PRC BELLING-BL8580PRC Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
   PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8581PS BELLING-BL8581PS Datasheet
283Kb / 7P
   CMOS based White/Blue LED driver
More results

Similar Description - BL8584

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
   PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8582 BELLING-BL8582 Datasheet
181Kb / 6P
   Single-Wire Dimming, 3-Channels WLED Linear Drive
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
   8-Channel WLED Linear Driver
logo
IXYS Corporation
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
   6-Channel / 4-Channel High-Side Linear WLED Driver
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Micrel Semiconductor
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com