Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ0503NSI Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSZ0503NSI
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ0503NSI Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSZ0503NSI Datasheet HTML 4Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 5Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 6Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 7Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 8Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 9Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 10Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 11Page - Infineon Technologies AG BSZ0503NSI Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
OptiMOSTM5Power-MOSFET,30V
BSZ0503NSI
Rev.2.0,2015-08-06
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
1
2
3
0
50
100
150
200
250
300
4.5 V
5 V
10 V
4 V
3.5 V
3.2 V
3 V
2.8 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.drain-sourceonresistance
ID[A]
0
10
20
30
40
50
0
1
2
3
4
5
6
3.2 V
3.5 V
4 V
4.5 V
5 V
7 V
8 V
10 V
RDS(on)=f(ID);Tj=25°C;parameter:VGS
Diagram7:Typ.transfercharacteristics
VGS[V]
0
1
2
3
4
5
0
40
80
120
160
200
150 °C
25 °C
ID=f(VGS);|VDS|>2|ID|RDS(on)max;parameter:Tj
Diagram8:Typ.forwardtransconductance
ID[A]
0
50
100
150
200
0
50
100
150
200
250
gfs=f(ID);Tj=25°C


Similar Part No. - BSZ0503NSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ0500NSI INFINEON-BSZ0500NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0500NSI INFINEON-BSZ0500NSI_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0501NSI INFINEON-BSZ0501NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-27
BSZ0501NSI INFINEON-BSZ0501NSI_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-27
BSZ0502NSI INFINEON-BSZ0502NSI Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
More results

Similar Description - BSZ0503NSI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com