Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS55340MRTETEP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340MRTETEP
Description  TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55340MRTETEP Datasheet(HTML) 5 Page - Texas Instruments

  TPS55340MRTETEP Datasheet HTML 1Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 2Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 3Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 4Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 5Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 6Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 7Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 8Page - Texas Instruments TPS55340MRTETEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TPS55340-EP
www.ti.com
SLVSCG7 – JULY 2014
8.5 Electrical Characteristics
Vin = 5 V, TJ = –55°C to 150°C, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage
2.9
32
V
IQ
Operating quiescent current into Vin
Device non-switching, VFB = 2 V
0.5
mA
ISD
Shutdown current
EN = GND
2.7
10
µA
VUVLO
Undervoltage lockout threshold
VIN falling
2.5
2.7
V
Vhys
Undervoltage lockout hysteresis
120
140
160
mV
ENABLE AND REFERENCE CONTROL
VEN
EN threshold voltage
EN rising input
0.9
1.08
1.30
V
VENh
EN threshold hysteresis
0.1
0.16
0.22
V
REN
EN pull down resistor
400
950
1600
k
Toff
Shutdown delay, SS discharge
EN high to low
1.0
ms
VSYNh
SYN logic high voltage
1.2
VSYNl
SYN logic low voltage
0.4
V
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
1.204
1.229
1.254
V
IFB
Voltage feedback input bias current
1.6
30
nA
Isink
Comp pin sink current
VFB = VREF+200 mV, VCOMP = 1 V
42
µA
Isource
Comp pin source current
VFB = VREF–200 mV, VCOMP = 1 V
42
µA
High Clamp, VFB = 1 V
3.1
VCCLP
Comp pin clamp voltage
V
Low Clamp, VFB = 1.5 V
0.75
VCTH
Comp pin threshold
Duty cycle = 0%
1.04
V
Gea
Error amplifier transconductance
240
360
440
µmho
Rea
Error amplifier output resistance
10
M
Ω
ƒea
Error amplifier crossover frequency
500
kHz
FREQUENCY
RFREQ = 480 kΩ
75
94
130
ƒSW
Frequency
RFREQ = 80 kΩ
460
577
740
kHz
RFREQ = 40 kΩ
920
1140
1480
Dmax
Maximum duty cycle
VFB = 1 V, RFREQ = 80 kΩ
89%
96%
VFREQ
FREQ pin voltage
1.25
V
Tmin_on
Minimum on pulse width
RFREQ = 80 kΩ
77
ns
POWER SWITCH
VIN = 5 V
60
110
RDS(ON)
N-channel MOSFET on-resistance
m
Ω
VIN = 3 V
70
120
ILN_NFET
N-channel leakage current
VDS = 25 V
2.1
µA
OCP and SS
ILIM
N-channel MOSFET current limit
D = Dmax
5.25
6.6
8.25
A
ISS
Soft-start bias current
Vss = 0 V
6
µA
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
165
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS55340MRTETEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340 Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-EP TI1-TPS55340-EP Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results

Similar Description - TPS55340MRTETEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com