Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ013NE2LS5I Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSZ013NE2LS5I
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ013NE2LS5I Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSZ013NE2LS5I Datasheet HTML 1Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 2Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 3Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 4Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 5Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 6Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 7Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 8Page - Infineon Technologies AG BSZ013NE2LS5I Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
OptiMOSTM5Power-MOSFET,25V
BSZ013NE2LS5I
Rev.2.0,2015-08-17
Final Data Sheet
4Electricalcharacteristics
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
25
-
-
V
VGS=0V,ID=10mA
Breakdown voltage temperature
coefficient
dV(BR)DSS/dTj -
15
-
mV/K
ID=10mA,referencedto25°C
Gate threshold voltage
VGS(th)
1.2
-
2.0
V
VDS=VGS,ID=250µA
Zero gate voltage drain current
IDSS
-
-
-
0.9
0.5
-
mA
VDS=20V,VGS=0V,Tj=25°C
VDS=20V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
10
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
1.3
1.1
1.7
1.3
m
VGS=4.5V,ID=20A
VGS=10V,ID=20A
Gate resistance
RG
-
0.7
1.2
-
Transconductance
gfs
75
150
-
S
|VDS|>2|ID|RDS(on)max,ID=20A
Table5Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
1)
Ciss
-
2500
3400
pF
VGS=0V,VDS=12V,f=1MHz
Output capacitance
1)
Coss
-
1200
1600
pF
VGS=0V,VDS=12V,f=1MHz
Reverse transfer capacitance
Crss
-
92
-
pF
VGS=0V,VDS=12V,f=1MHz
Turn-on delay time
td(on)
-
5
-
ns
VDD=12V,VGS=10V,ID=30A,
RG,ext=1.6
Rise time
tr
-
4
-
ns
VDD=12V,VGS=10V,ID=30A,
RG,ext=1.6
Turn-off delay time
td(off)
-
26
-
ns
VDD=12V,VGS=10V,ID=30A,
RG,ext=1.6
Fall time
tf
-
3
-
ns
VDD=12V,VGS=10V,ID=30A,
RG,ext=1.6
1) Defined by design. Not subject to production test


Similar Part No. - BSZ013NE2LS5I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ011NE2LS5I INFINEON-BSZ011NE2LS5I Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 25 V
Rev.2.1,2020-10-23
BSZ014NE2LS5IF INFINEON-BSZ014NE2LS5IF Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-04-27
BSZ014NE2LS5IF INFINEON-BSZ014NE2LS5IF_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-04-27
BSZ017NE2LS5I INFINEON-BSZ017NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
More results

Similar Description - BSZ013NE2LS5I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com