Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS55332-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS55332-Q1
Description  TPS55332-Q1 2.2-MHz, 60-V Output Step Up DC/DC Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55332-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS55332-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS55332-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
(
)
Vout
Vref
R8
R7
R8
tol
= tol
+
tol
+ tol
R8+R7
æ
ö ´
ç
÷
è
ø
R8
Vout = Vref 1 +
(Volts)
R7
æ
ö
ç
÷
è
ø
TPS55332-Q1
www.ti.com
SLVS939B – JUNE 2009 – REVISED DECEMBER 2014
7.3 Feature Description
The TPS55332 is a step up (boost) dc/dc converter using voltage-control mode scheme. The following sections
include descriptions of the individual pin functions.
7.3.1 Input Voltage (VIN)
The VIN pin is the input power source for the TPS55332. This pin must be externally protected against voltage
level transients greater than 60 V and reverse battery. In boost mode the input current drawn from this pin is
pulsed, with fast rise and fall times. Therefore, this input line requires a filter capacitor to minimize noise.
Additionally, for EMI considerations, an input filter inductor may also be required.
7.3.2 Output Voltage (Vout)
The output voltage, Vout, is generated by the converter supplied from the battery voltage VIN and external
components (L, C). The output is sensed through an external resistor divider and compared with an internal
reference voltage.
The value of the adjustable output voltage in boost mode is selectable between VIN × 1.05 to 50 V if the
minimum ON time (ton) and minimum OFF times are NOT violated by choosing the external resistors, according
to the following relationship:
(1)
Where:
R7 and R8 are feedback resistors
Vref = 2.5 V (typ)
The internal reference voltage Vref has a ±1.5% tolerance. The overall output voltage tolerance is dependent on
the external feedback resistors. To determine the overall output voltage tolerance, use the following relationship:
(2)
Typically, an output capacitor within the range of 10
μF to 400 μF is used. This terminal has a filter capacitor with
low ESR characteristics in order to minimize output ripple voltage.
7.3.3 Regulated Supply Voltage (VReg)
There is an integrated forward biased diode between VReg and VIN. VReg is tied to Vout and used to bias VIN
when Vout > Vsupply.
7.3.4 Over-Current Protection (SW)
Over-current protection is implemented by sensing the current through the NMOS switch FET. The sensed
current is then compared to a current reference level representing the over-current threshold limit. If the sensed
current exceeds the over-current threshold limit, the over-current indicator is set true. The system ignores the
over-current indicator for the leading edge blanking time at the beginning of each cycle to avoid any turn-on
noise glitches.
Once the over-current indicator is set true, over-current protection is triggered. The MOSFET is turned off for the
rest of the cycle after a propagation delay. The over-current protection scheme is called cycle-by-cycle current
limiting. If the sensed current continues to increase during cycle-by-cycle current limiting, the temperature of the
device starts to rise, and the TSD kicks in and shuts down switching until the device cools down.
7.3.5 Oscillator Frequency (RT)
The oscillator frequency is selectable by means of a resistor placed at the RT pin. The switching frequency (ƒsw)
can be set in the range of 80 kHz to 2.2 MHz. In addition, the switching frequency can be imposed externally by
a clock signal (ƒext) at the SYNC pin with ƒsw < ƒext < 2 × ƒsw. In this case the external clock overrides the
switching frequency determined by the RT pin, and the internal oscillator is clocked by the external
synchronization clock input.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS55332-Q1


Similar Part No. - TPS55332-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55332-Q1 TI1-TPS55332-Q1 Datasheet
840Kb / 29P
[Old version datasheet]   2.2-MHz, 60-V OUTPUT STEP UP DC/DC CONVERTER
More results

Similar Description - TPS55332-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55332-Q1 TI1-TPS55332-Q1 Datasheet
840Kb / 29P
[Old version datasheet]   2.2-MHz, 60-V OUTPUT STEP UP DC/DC CONVERTER
logo
Linear Technology
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Texas Instruments
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
logo
Torex Semiconductor
XC9519 TOREX-XC9519 Datasheet
1Mb / 38P
   Dual Output Step-Up/Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com