Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS55330 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS55330
Description  TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55330 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS55330_15 Datasheet HTML 7Page - Texas Instruments TPS55330_15 Datasheet HTML 8Page - Texas Instruments TPS55330_15 Datasheet HTML 9Page - Texas Instruments TPS55330_15 Datasheet HTML 10Page - Texas Instruments TPS55330_15 Datasheet HTML 11Page - Texas Instruments TPS55330_15 Datasheet HTML 12Page - Texas Instruments TPS55330_15 Datasheet HTML 13Page - Texas Instruments TPS55330_15 Datasheet HTML 14Page - Texas Instruments TPS55330_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
(
)
1
He(s)
Se
s
1
(1 D) 0.5
2
S
s
n
1
2
fsw
fsw
=
é
ù
æ
ö
ê
ú
ç
÷
´
+
´ -
-
ç
÷
ê
ú
è
ø
ë
û
+
+
p ´
0.32 V R
0.5 A
FREQ
Se
16 (1 D) 6 pF
6 pF
m
=
+
´
-
´
V
IN
S
R
n
SENSE
L
=
´
SH
OUT
SL
R
V
1.229V
1
R
æ
ö
=
´
+
ç
÷
è
ø
TPS55330
www.ti.com
SLVSBX8A – MAY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
(3)
7.3.5 Soft-Start
The TPS55330 has a built-in soft-start circuit which significantly reduces the start-up current spike and output
voltage overshoot. When the IC is enabled, an internal bias current source (6 µA typical) charges a capacitor
(CSS) on the SS pin. The voltage at the capacitor clamps the output of the internal error amplifier that determines
the peak current and duty cycle of PWM controller. Limiting the peak switch current during start-up with a slow
ramp on the SS pin will reduce in-rush current and output voltage overshoot. Once the capacitor reaches 1.8V,
the soft-start cycle is completed and the soft-start voltage no longer clamps the error amplifier output. When the
EN is pulled low for at least 1ms, the IC enters the shutdown mode and the SS capacitor is discharged through a
5k
Ω resistor to prepare for the next soft-start sequence.
7.3.6 Slope Compensation
The TPS55330 has internal slope compensation to prevent subharmonic oscillations. The sensed current slope
of boost converter can be expressed as Equation 4:
(4)
The slope compensation dv/dt can be calculated using Equation 5.
(5)
In a converter with current mode control, in addition to the output voltage feedback loop, the inner current loop
including the inductor current sampling effect as well as the slope compensation on the small signal response
should be taken into account, which can be modeled as seen in Equation 6:
where
RSENSE (15mΩ) is the equivalent current sense resistor
RFREQ is timing resistor used to set frequency
D is the duty cycle
(6)
NOTE
If Sn << Se, the converter operates in voltage mode control rather than current mode
control, and Equation 6 is no longer valid.
7.3.7 Enable and Thermal Shutdown
The TPS55330 enters shutdown when the EN voltage is less than 0.68 V (min) for more than 1 ms. In shutdown,
the input supply current for the device is less than 10 µA (max). The EN pin has an internal 950k
Ω pull down
resistor to disable the device if the pin is floating.
An internal thermal shutdown turns off the device when the junction temperature exceeds 165°C (typical). The
device restarts when the junction temperature drops by 15°C.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS55330


Similar Part No. - TPS55330_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55330RTER TI-TPS55330RTER Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330RTET TI-TPS55330RTET Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results

Similar Description - TPS55330_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com