Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7Y43-60E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK7Y43-60E
Description  N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y43-60E Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7Y43-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y43-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
BUK7Y43-60E
N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
BUK7Y43-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 May 2013
4 / 13
003aai611
10-2
10-1
1
10
102
10-3
10-2
10-1
1
10
tAL (ms)
IAL
(A)
(1)
(2)
(3)
Fig. 3. Avalanche rating; avalanche current as a function of avalanche time
003aai612
10-2
10-1
1
10
102
103
1
10
102
VDS(V)
ID
(A)
Limit RDSon = V DS / ID
DC
100 µs
10 ms
tp=10 µs
100 ms
1 ms
Fig. 4. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 5
-
-
3.33
K/W


Similar Part No. - BUK7Y43-60E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y43-60E NXP-BUK7Y43-60E Datasheet
294Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y43-60E NEXPERIA-BUK7Y43-60E Datasheet
732Kb / 13P
   N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
7 May 2013
More results

Similar Description - BUK7Y43-60E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y43-60E NXP-BUK7Y43-60E Datasheet
294Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK9Y43-60E NXP-BUK9Y43-60E Datasheet
351Kb / 13P
   N-channel 60 V, 43 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y43-60E PHILIPS-BUK9Y43-60E_15 Datasheet
352Kb / 13P
   N-channel 60 V, 43 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK7Y59-60E PHILIPS-BUK7Y59-60E_15 Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
7 May 2013
logo
Nexperia B.V. All right...
BUK7Y43-60E NEXPERIA-BUK7Y43-60E Datasheet
732Kb / 13P
   N-channel 60 V, 43 mΩ standard level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK7Y6R0-60E NXP-BUK7Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y59-60E NXP-BUK7Y59-60E Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y8R7-60E NXP-BUK7Y8R7-60E Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-60E NXP-BUK7Y15-60E Datasheet
350Kb / 13P
   N-channel 60 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y25-60E PHILIPS-BUK7Y25-60E_15 Datasheet
352Kb / 13P
   N-channel 60 V, 25 m廓 standard level MOSFET in LFPAK56
7 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com