Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3080 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR3080
Description  30 Amp Rectifier 20 to 100 Volts Schottky Barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR3080 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR3080 Datasheet HTML 1Page - Micro Commercial Components MBR3080 Datasheet HTML 2Page - Micro Commercial Components MBR3080 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR3020
THRU
MBR30100
30 Amp
Rectifier
20 to 100 Volts
Features
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR3020
20V
14V
20V
MBR3030
30V
21V
30V
MBR3035
35V
24.5V
35V
MBR3040
40V
28V
40V
MBR3045
45V
31.5V
45V
MBR3060
60V
42V
60V
MBR3080
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
30 A
TL =1
05°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 30.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0 mA T
A = 25
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
www.mccsemi.com
Schottky Barrier
Maximum Ratings
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MBR3020-3045
MBR3060
MBR3080-30100
.63 V
.84 V
.75 V
MBR30100
100V
70V
100V
A
N
E
D
C
K
H
V
U
L
G
B
Q
1
2
PIN 1:
ANODE
PIN 2:
ANODE
CASE:
CATHODE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
1.550
REF
39.37
REF
B
-----
1.050
-----
26.67
C
.250
.335
6.35
8.51
D
.038
.043
0.97
1.09
E
.055
.070
1.40
1.77
G
.430
BSC
10.92
BSC
H
.215
BSC
5.46
BSC
K
.440
.480
11.18
12.19
L
.665
BSC
16.89
BSC
N
-----
.830
-----
21.08
Q
.151
.165
3.84
4.19
U
1.187
BSC
30.15
BSC
V
.131
1.88
3.33
4.77
TO-3
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR3080

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
MBR3080 PFS-MBR3080 Datasheet
305Kb / 3P
   Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
MBR3080 GXELECTRONICS-MBR3080 Datasheet
540Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Guangdong Juxing Electr...
MBR3080 JUXING-MBR3080 Datasheet
2Mb / 2P
   Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR3080CGD LUGUANG-MBR3080CGD Datasheet
1Mb / 2P
   30 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
EM Microelectronic - MA...
MBR3080CT EMMICRO-MBR3080CT Datasheet
765Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3080

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
MBR3020 GXELECTRONICS-MBR3020 Datasheet
540Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR3020W MCC-MBR3020W Datasheet
110Kb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT_08 Datasheet
115Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR3020FCT MCC-MBR3020FCT Datasheet
202Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR3045FCT KERSEMI-MBR3045FCT Datasheet
913Kb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Ping Sheng Ele...
MBR3020W PFS-MBR3020W Datasheet
228Kb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com