Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2595RGTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2595RGTT
Description  2.4-GHz RF FRONT END
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2595RGTT Datasheet(HTML) 2 Page - Texas Instruments

  CC2595RGTT Datasheet HTML 1Page - Texas Instruments CC2595RGTT Datasheet HTML 2Page - Texas Instruments CC2595RGTT Datasheet HTML 3Page - Texas Instruments CC2595RGTT Datasheet HTML 4Page - Texas Instruments CC2595RGTT Datasheet HTML 5Page - Texas Instruments CC2595RGTT Datasheet HTML 6Page - Texas Instruments CC2595RGTT Datasheet HTML 7Page - Texas Instruments CC2595RGTT Datasheet HTML 8Page - Texas Instruments CC2595RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
3 x 3 QFN - 16
GND
RF_IN
GND
GND
GND
RF_OUT
GND
RF_OUT
CC2595
SWRS090A – SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PIN ASSIGNMENTS
Figure 1. CC2595 Pinout
Table 1. Pin Descriptions for CC2595
PIN NO.
PIN NAME
TYPE
DESCRIPTION
1
GND
GND
2
RF_IN
RF in/out
RF single-ended input
3
GND
GND
4
GND
GND
5
AVDD_BIAS
Power
Supply voltage, analog and logic
6
RBIAS1
Analog
Bias set resistor, stage 1
7
RBIAS2
Analog
Bias set resistor, stage 2
8
PAEN
Digital in
Chip enable: high = PA on
9
GND
GND
10
RF_OUT
RF in/out
RF single-ended output (1 of 2)
11
GND
GND
12
RF_OUT
RF in/out
RF single-ended output (2 of 2)
13
GND
GND
14
GND
GND
15
AVDD_PA1
Power
Supply voltage, PA stage 1
16
GND
GND
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: CC2595


Similar Part No. - CC2595RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595RGTR TI-CC2595RGTR Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results

Similar Description - CC2595RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com