Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2595RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2595RGTR
Description  2.4-GHz RF FRONT END
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2595RGTR Datasheet(HTML) 4 Page - Texas Instruments

  CC2595RGTR Datasheet HTML 1Page - Texas Instruments CC2595RGTR Datasheet HTML 2Page - Texas Instruments CC2595RGTR Datasheet HTML 3Page - Texas Instruments CC2595RGTR Datasheet HTML 4Page - Texas Instruments CC2595RGTR Datasheet HTML 5Page - Texas Instruments CC2595RGTR Datasheet HTML 6Page - Texas Instruments CC2595RGTR Datasheet HTML 7Page - Texas Instruments CC2595RGTR Datasheet HTML 8Page - Texas Instruments CC2595RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CC2595
SWRS090A – SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
RF CHARACTERISTICS
TJ = 25°C, VDD = 3 V (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency range of operation
2400
2483.5
MHz
POUT
Output power
Pin = 0 dBm
+20
+20.7
dBm
PAE
Power added efficiency
Pin = 0 dBm
40
%
POUTHI
Output power (high)
VDD = 3.3 V, Pin = +3 dBm
+22
+22.5
dBm
PAEHI
Power added efficiency (high)
VDD = 3.3 V, Pin = +3 dBm
45
%
P1dB
Output 1-dB compression point
+17
dBm
IRL
Input return loss
10
15
dB
ORL
Output return loss
8
10
dB
Output power variation over frequency
2400 MHz to 2483.5 MHz
0.5
dB
Output power variation over supply voltage
2 V to 3.6 V
4
dB
Output power variation over temperature
-40°C to 85°C
1
dB
Compliant with international
2nd harmonic
The harmonics can be further
regulatory standards
Harmonics
reduced by using an external
Compliant with international
LC filter and antenna.
3rd harmonic
regulatory standards
K
Stability
Unconditionally stable
No damage at 10:1 VSWR
Load mismatch
condition; all phases
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: CC2595


Similar Part No. - CC2595RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595RGTR TI-CC2595RGTR Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results

Similar Description - CC2595RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com