Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58H40 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS58H40
Description  Quad-Channel, 250-MSPS Receiver and Feedback ADC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58H40 Datasheet(HTML) 1 Page - Texas Instruments

  ADS58H40_15 Datasheet HTML 1Page - Texas Instruments ADS58H40_15 Datasheet HTML 2Page - Texas Instruments ADS58H40_15 Datasheet HTML 3Page - Texas Instruments ADS58H40_15 Datasheet HTML 4Page - Texas Instruments ADS58H40_15 Datasheet HTML 5Page - Texas Instruments ADS58H40_15 Datasheet HTML 6Page - Texas Instruments ADS58H40_15 Datasheet HTML 7Page - Texas Instruments ADS58H40_15 Datasheet HTML 8Page - Texas Instruments ADS58H40_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
ADS58H40
www.ti.com
SBAS589B – AUGUST 2012 – REVISED NOVEMBER 2012
Quad-Channel, 250-MSPS Receiver and Feedback ADC
Check for Samples: ADS58H40
1
FEATURES
DESCRIPTION
The ADS58H40 is a high-linearity, quad-channel, 14-
2
Quad Channel
bit, 250-MSPS analog-to-digital converter (ADC). The
Three Different Operating Modes:
four ADC channels are separated into two blocks with
11-Bit: 250 MSPS
two ADCs each. Each block can be individually
configured into three different operating modes. One
11-Bit SNRBoost3G+: 250 MSPS
operating mode includes the implementation of the
14-Bit: 250 MSPS (Burst Mode)
SNRBoost3G+ signal processing technology to provide
Maximum Sampling Data Rate: 250 MSPS
high signal-to-noise ratio (SNR) in a band up to
90 MHz wide with only 11-bit resolution. Designed for
Power Dissipation:
low
power
consumption
and
high
spurious-free
11-Bit Mode: 365 mW per Channel
dynamic range (SFDR), the ADC has low-noise
SNRBoost3G+ Bandwidth: 2x 45 MHz or 90 MHz
performance and outstanding SFDR over a large
input frequency range.
Spectral Performance at 170 MHz IF (typ):
SNR: 70.5 dBFS in 90-MHz Band with
SNRBoost3G+
SFDR: 85 dBc
DDR LVDS Digital Output Interface
144-Pad BGA (10-mm × 10-mm)
APPLICATIONS
Multi-Carrier GSM Cellular Infrastructure Base
Stations
Multi-Carrier Multi-Mode Cellular Infrastructure
Base Stations
Active Antenna Arrays for Wireless
Infrastructures
Communications Test Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS58H40_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results

Similar Description - ADS58H40_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com