Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1645 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR1645
Description  16 Amp Schottky Barrier Rectifier 20 to 60 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1645 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR1645 Datasheet HTML 1Page - Micro Commercial Components MBR1645 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR1620 thru MBR1660
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
5
8
10
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
12
14
16
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
. 2
.7
.3
.4
.5
.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
.8
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
150
50
75
100
125
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
175
TJ=25
°C
www.mccsemi.com
MCC
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
100
125
150
MBR1620-1645
MBR1660


Similar Part No. - MBR1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1645 VISHAY-MBR1645 Datasheet
471Kb / 6P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Motorola, Inc
MBR1645 MOTOROLA-MBR1645 Datasheet
80Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR1645 VISHAY-MBR1645 Datasheet
487Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Kersemi Electronic Co.,...
MBR1645 KERSEMI-MBR1645 Datasheet
839Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Microdiode Electronics ...
MBR1645 CHENDA-MBR1645 Datasheet
584Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR1645

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620_08 Datasheet
100Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT Datasheet
594Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620CT MCC-MBR1620CT_08 Datasheet
151Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620_13 Datasheet
278Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
   0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com