Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6151IB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6151IB
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6151IB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6151IB Datasheet HTML 1Page - Intersil Corporation ISL6151IB Datasheet HTML 2Page - Intersil Corporation ISL6151IB Datasheet HTML 3Page - Intersil Corporation ISL6151IB Datasheet HTML 4Page - Intersil Corporation ISL6151IB Datasheet HTML 5Page - Intersil Corporation ISL6151IB Datasheet HTML 6Page - Intersil Corporation ISL6151IB Datasheet HTML 7Page - Intersil Corporation ISL6151IB Datasheet HTML 8Page - Intersil Corporation ISL6151IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
GATE Pin 6 - This analog output drives the gate of the
external FET used as a pass transistor. The GATE pin is high
(FET is on) when the following conditions are met:
• UVLO is above its trip point (~16.5V)
• Voltage on the UV pin is above its trip point (1.255V)
• Voltage on the OV pin is below its trip point (1.255V)
• No Over-Current conditions are present.
If any of the 4 conditions are violated, the GATE pin will be
pulled low to shut off or regulate current through the FET.
The GATE is latched off only when the 600
µs Over-Current
Time-Out period is exceeded.
The GATE is driven high by a weak (-50
µA nominal) pull-up
current source, in order to slowly turn on the FET. It is driven
low by a 70mA nominal pull-down device for three of the
above shut-off conditions. A larger (350mA nominal) pull-
down current shuts off the FET very quickly in the event of a
hard fault where the sense pin voltage exceeds
approximately 210mV.
DRAIN Pin 7 - This is the analog input to one of two
comparators that control the PWRGD (ISL6141) or PWRGD
(ISL6151) outputs. It compares the voltage of the external
FET DRAIN to a 1.3V internal reference (VPG). The DRAIN
voltage is criticized only until the PWRGD or PWRGD
outputs are latched into their active low or high states. The
latch is reset when any of the conditions that turn off the
GATE occur (UVLO, OV, UV, OC Time-Out). Note that the
comparator does NOT itself turn off the GATE.
VDD Pin 8 - This is the most positive power supply pin. It can
range from the Under-Voltage Lock-Out threshold (16.5V) to
+80V (Relative to VEE).
ISL6141, ISL6151


Similar Part No. - ISL6151IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6151IB INTERSIL-ISL6151IB Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6151IB-T INTERSIL-ISL6151IB-T Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6151IBZA INTERSIL-ISL6151IBZA Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6151IBZA RENESAS-ISL6151IBZA Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6151IBZA-T INTERSIL-ISL6151IBZA-T Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6151IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com