Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6141IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6141IB
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6141IB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6141IB Datasheet HTML 1Page - Intersil Corporation ISL6141IB Datasheet HTML 2Page - Intersil Corporation ISL6141IB Datasheet HTML 3Page - Intersil Corporation ISL6141IB Datasheet HTML 4Page - Intersil Corporation ISL6141IB Datasheet HTML 5Page - Intersil Corporation ISL6141IB Datasheet HTML 6Page - Intersil Corporation ISL6141IB Datasheet HTML 7Page - Intersil Corporation ISL6141IB Datasheet HTML 8Page - Intersil Corporation ISL6141IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
.
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to VEE). . . . . . . . . . . . . . . . . . . . -0.3V to 100V
DRAIN, PWRGD, PWRGD Voltage . . . . . . . . . . . . . . . -0.3V to 100V
UV, OV Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 60V
SENSE, GATE Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 20V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40oC to 85oC
Temperature Range (Commercial). . . . . . . . . . . . . . . . . 0oC to 70oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . . . 36V to 72V
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. PWRGD is referenced to DRAIN; VPWRGD-VDRAIN = 0V.
Electrical Specifications
VDD = +48V, VEE = +0V Unless Otherwise Specified. All tests are over the full temperature range; either
Commercial (0oC to 70oC) or Industrial (-40oC to 85oC). Typical specs are at 25oC.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
Units
DC PARAMETERS
VDD PIN
Supply Operating Range
VDD
20
-
80
V
Supply Current
IDD
UV = 3V; OV = VEE; SENSE = VEE; VDD =
80V
2.4
4.5
mA
UVLO High
VUVLOH
VDD Low to High transition
15
16.7
19
V
UVLO Low
VUVLOL
VDD High to Low transition
13
14.8
17
V
UVLO hysteresis
1.9
V
GATE PIN
GATE Pin Pull-Up Current
IPU
GATE Drive on, VGATE = VEE
-30
-50
-60
µA
GATE Pin Pull-Down Current
IPD1
GATE Drive off, UV or OV false
70
mA
GATE Pin Pull-Down Current
IPD2
GATE Drive off, Over-Current Time-Out
70
mA
GATE Pin Pull-Down Current
IPD3
GATE Drive off; Hard Fault (Vsense > 210mV)
350
mA
External GATE Drive (VDD = 20V, 80V)
∆ V
GATE
(VGATE - VEE), 20V <=VDD <=80V
12
13.6
15
V
GATE High Threshold (PWRGD/PWRGD
active)
VGH
∆VGATE - VGATE
2.5
V
SENSE PIN
Current Limit Trip Voltage
VCL
VCL = (VSENSE - VEE)40
50
60
mV
Hard Fault Trip Voltage
VHFT
VHFTV = (VSENSE - VEE)
210
mV
SENSE Pin Current
ISENSE
VSENSE = 50mV
-1.3
-4.0
µA
UV PIN
UV Pin High Threshold Voltage
VUVH
UV Low to High Transition
1.240
1.255
1.270
V
UV Pin Low Threshold Voltage
VUVL
UV High to Low Transition
1.105
1.120
1.145
V
UV Pin Hysteresis
VUVHY
135
mV
ISL6141, ISL6151


Similar Part No. - ISL6141IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141IB INTERSIL-ISL6141IB Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141IB-T INTERSIL-ISL6141IB-T Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141IBZA INTERSIL-ISL6141IBZA Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6141IBZA RENESAS-ISL6141IBZA Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6141IBZA-T INTERSIL-ISL6141IBZA-T Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6141IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com