Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8023C Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8023C
Description  5 to 36V input voltage range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8023C Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8023C Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8023C Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8023C Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8023C Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8023C Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8023C Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.belling.com.cn
6
BL8023C
PACKAGE OUTLINE
Package
SOP-8
Devices per reel
2500
Unit
mm
Package specification:


Similar Part No. - BL8023C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
742Kb / 6P
   300mA Bi-Direction Relay Driver
BL8023C BELLING-BL8023C_16 Datasheet
742Kb / 6P
   300mA Bi-Direction Relay Driver
More results

Similar Description - BL8023C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
MAX20048EVKIT MAXIM-MAX20048EVKIT Datasheet
99Kb / 2P
   2V to 36V Input Supply Range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com