Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1020CK-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP1020CK-T
Description  Single, Double or Triple-Output Hot Plug Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1020CK-T Datasheet(HTML) 4 Page - Intersil Corporation

  HIP1020CK-T Datasheet HTML 1Page - Intersil Corporation HIP1020CK-T Datasheet HTML 2Page - Intersil Corporation HIP1020CK-T Datasheet HTML 3Page - Intersil Corporation HIP1020CK-T Datasheet HTML 4Page - Intersil Corporation HIP1020CK-T Datasheet HTML 5Page - Intersil Corporation HIP1020CK-T Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Application Information
The HIP1020 was designed specifically to address the
requirements of Device Bay peripherals. The small package,
low cost and integrated features make it the ideal component
for high-side power control of all three Device-Bay rail
voltages without using any additional components except for
the switching MOSFETs themselves. The integrated charge
pump supplies sufficient voltage to fully enhance the lower-
cost N-Channel power MOSFETs, and the internally-
controlled turn-on ramp provides soft switching for all types
of loads.
Although the HIP1020 was developed with Device Bay in
mind, it has the versatility to perform in any situation where
low-cost load switching is required.
MOSFET Selection for Device Bay Peripherals
When selecting power MOSFETs for Device Bay (or any
similar application), two major concerns are the voltage drop
across the MOSFET and the thermal requirements imposed
by the particular application. Voltage drop across the
MOSFET is controlled by its on-state resistance, rDS(ON),
and the peak current through the device, while the thermal
requirements are determined by several factors including
ambient temperature, amount of air flow if any, area of the
copper mounting pad, the thermal characteristics of the
MOSFET and its package, and the average current through
the MOSFET.
Typical Performance Curves
FIGURE 2. HGATE (PIN 4) TURNING ON WITH VCC = 12V
FIGURE 3. LGATE (PIN 3) TURNING ON WITH VCC = 12V
FIGURE 4. HGATE (PIN 4) TURNING ON WITH VCC = 5V
FIGURE 5. LGATE (PIN 3)TURNING ON WITH VCC = 5V
NOTES: Device is enabled at 10 milliseconds.
2. Pins 3 and 4 are unconnected.
3. Pins 3 and 4 are connected to the gates of “typical” high-performance N-Channel MOSFETs.
0
-5
5
10
15
20
25
010
30
40
50
20
MILLISECONDS
22nF
NOTE 3
NOTE 2
C1 = 22nF
C1 = 10nF
0
-5
5
10
15
20
25
010
30
40
50
20
MILLISECONDS
NOTE 3
NOTE 2
C1 = 22nF
C1 = 10nF
-5
0
5
10
15
0
10
304050
20
MILLISECONDS
NOTE 3
NOTE 2
C1 = 22nF
C1 = 10nF
0
10
20304050
-5
0
5
10
15
MILLISECONDS
NOTE 3
NOTE 2
C1 = 22nF
C1 = 10nF
HIP1020


Similar Part No. - HIP1020CK-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
51Kb / 6P
   Single, Double or Triple-Output Hot Plug Controller
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
301Kb / 6P
   Single, Double or Triple-Output Hot짰lug Controller
logo
Renesas Technology Corp
HIP1020CK-T RENESAS-HIP1020CK-T Datasheet
372Kb / 6P
   Single, Double or Triple-Output Hot Plug Controller
More results

Similar Description - HIP1020CK-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP1020 RENESAS-HIP1020 Datasheet
372Kb / 6P
   Single, Double or Triple-Output Hot Plug Controller
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020 Datasheet
51Kb / 6P
   Single, Double or Triple-Output Hot Plug Controller
HIP1020 INTERSIL-HIP1020_04 Datasheet
301Kb / 6P
   Single, Double or Triple-Output Hot짰lug Controller
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
   Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com