Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7516IY Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7516IY
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IY Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7516IY Datasheet HTML 2Page - Intersil Corporation EL7516IY Datasheet HTML 3Page - Intersil Corporation EL7516IY Datasheet HTML 4Page - Intersil Corporation EL7516IY Datasheet HTML 5Page - Intersil Corporation EL7516IY Datasheet HTML 6Page - Intersil Corporation EL7516IY Datasheet HTML 7Page - Intersil Corporation EL7516IY Datasheet HTML 8Page - Intersil Corporation EL7516IY Datasheet HTML 9Page - Intersil Corporation EL7516IY Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7333.6
October 9, 2007
FIGURE 13. EFFICIENCY - 5V VIN TO 9V VOUT @ 1.2MHz
FIGURE 14. LOAD REGULATION - 5V VIN TO 9V VOUT
@ 1.2MHz
FIGURE 15. LINE REGULATION
FIGURE 16. LINE REGULATION
FIGURE 17. EFFICIENCY vs IOUT - 3.3V TO 8V
FIGURE 18. LOAD REGULATION - 3.3V TO 8V
Typical Performance Curves (Continued)
0
400
800
1k
95
90
75
IOUT (mA)
80
85
600
200
0.6
-0.6
-1
IOUT (mA)
0
400
800
1k
200
-0.2
0
0.4
600
-0.8
-0.4
0.2
246
0.2
0.1
-0.2
VIN (V)
-0.1
0
5
3
VOUT=12V
IOUT=80mA
1.2MHz
600kHz
2.5
4.5
6.5
0.10
0.05
-0.10
VIN (V)
-0.05
0
5.5
3.5
VOUT = 8V
IOUT = 80mA
600kHz
1.2MHz
10
310
610
95
90
70
IOUT (mA)
75
85
510
110
1.2MHz
600kHz
80
410
210
0
300
600
0.5
0.3
-0.5
IOUT (mA)
-0.3
0.1
500
100
1.2MHz
600kHz
-0.1
400
200
EL7516


Similar Part No. - EL7516IY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IY IRF-EL7516IY Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IY RENESAS-EL7516IY Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com