Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S10A
Description  10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S10A Datasheet(HTML) 1 Page - Micro Commercial Components

  S10A Datasheet HTML 1Page - Micro Commercial Components S10A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Available on Tape and Reel
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
S10A
S10A
50V
35V
50V
S10B
S10B
100V
70V
100V
S10D
S10D
200V
140V
200V
S10G
S10G
400V
280V
400V
S10J
S10J
600V
420V
600V
S10K
S10K
800V
560V
800V
S10M
S10M
1000V
700V
1000V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
TJ=75
o C
Peak Forward
Surge Current
IFSM
200A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
V F
1.20V
IFM=10.0A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10.0uA
TA=25
oC
*Pulse test: Pulse width 200 usec, Duty cycle 2%
S10A
THRU
S10M
10.0 Amp Standard
Recovery Rectifier
50 to 1000 Volts
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.190
0.200”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.70
5.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.053
.067
1.35
1.70
F
.168
.179
4.27
4.55
G
.320
.330
8.13
8.38
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
DO-214AB
(SMCJ) (Round Lead)
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - S10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S10A MCC-S10A Datasheet
300Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
S10A CHENDA-S10A Datasheet
810Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
S10A SUNMATE-S10A Datasheet
417Kb / 3P
   SURFACE MOUNT RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
S10A YFWDIODE-S10A Datasheet
522Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Zibo Seno Electronic En...
S10A ZSELEC-S10A Datasheet
91Kb / 2P
   10.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - S10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34A MCC-GL34A Datasheet
354Kb / 2P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
   1.0 Amp Standard Recovery Rectifier 50-1000 Volts
RA251 MCC-RA251_08 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
RA501 MCC-RA501_08 Datasheet
133Kb / 3P
   50.0 Amp Standard Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com