Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXM-315-LR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TXM-315-LR
Description  LR SERIES TRANSMITTER MODULE DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-315-LR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TXM-315-LR Datasheet HTML 1Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-315-LR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 7
Page 6
POWER SUPPLY REQUIREMENTS
The module does not have an internal voltage regulator; therefore it requires a
clean, well-regulated power source. While it is preferable to power the unit from
a battery, it can also be operated from a power supply as long as noise is less
than 20mV. Power supply noise can affect the
transmitter modulation; therefore, providing a clean
power supply for the module should be a high priority
during design.
A 10
Ω resistor in series with the supply followed by a
10µF tantalum capacitor from VCC to ground will help
in cases where the quality of the supply is poor. Note
that the values may need to be adjusted depending
on the noise present on the supply line.
TRANSMITTING DATA
Once a reliable RF link has been established, the challenge becomes how to
effectively transfer data across it. While a properly designed RF link provides
reliable data transfer under most conditions, there are still distinct differences
from a wired link that must be addressed. Since the LR Series modules do not
incorporate internal encoding or decoding, a user has tremendous flexibility in
how data is handled.
If you want to transfer simple control or status signals, such as button presses or
switch closures, and your product does not have a microprocessor on board, or
you wish to avoid protocol development, consider using an encoder and decoder
IC set. These chips are available from a range of manufacturers, including Linx.
They take care of all encoding and decoding functions and generally provide a
number of data pins to which switches can be directly connected. In addition,
address bits are usually provided for security and to allow the addressing of
multiple units independently. These ICs are an excellent way to bring basic
remote control / status products to market quickly and inexpensively.
Additionally, it is a simple task to interface with inexpensive microprocessors,
such as the Microchip PIC, or one of many IR, remote control, or modem ICs.
It is always important to separate what types of transmissions are technically
possible from those that are legally allowable in the country of intended
operation. While the LR Series is ideally suited to the long range transfer of
control and command information, it can also be used with great success for the
transfer of true variable data such as temperature, pressure, or sensor data.
However, the 260 - 470MHz band in which the module operates is regulated by
Part 15, Section 231 of the FCC regulations. Many types of transmissions,
especially those involving automatic transmissions or variable data, may need to
be periodic. You may wish to review Application Notes AN-00125 and AN-00140
along with Part 15, Section 231 of the FCC regulations for further details on
acceptable transmission content in the Unites States.
Another area of consideration is that of data structure or protocol. The data
should be formatted in a predictable way and should be able to deal with errors
due to interference. This will ensure that the data is received and interpreted
correctly. If you are not familiar with the considerations for sending serial data in
a wireless environment, you will want to review Application Note AN-00160.
THE DATA INPUT
The CMOS-compatible data input on Pin 2 is normally supplied with a serial bit
stream from a microprocessor or encoder, but it can also be used with standard
UARTs.
When a logic ‘1’ is present on the DATA line and the PDN line is high, then the
Power Amplifier (PA) will be activated and the carrier frequency will be sent to
the antenna port. When a logic ‘0’ is present on the DATA line or the PDN line is
low, the PA is deactivated and the carrier is fully suppressed.
The DATA line should always be driven with a voltage that is common to the
supply voltage present on Pin 7 (VCC). The DATA line should never be allowed
to exceed the supply voltage, as permanent damage to the module could occur.
USING THE PDN PIN
The transmitter’s Power Down (PDN) line can be used to power down the
transmitter without the need for an external switch. It allows easy control of the
transmitter’s state from external components, such as a microcontroller. By
periodically activating the transmitter, sending data, then powering down, the
transmitter’s average current consumption can be greatly reduced, saving power
in battery operated applications.
The PDN line does not have an internal pull-up, so it will need to be pulled high
or tied directly to VCC to turn on the transmitter. The pull-up should be a minimum
of 30
μA (10kΩ or less). When the PDN line is pulled to ground, the transmitter
will enter into a low-current (<5nA) power-down mode. When in this mode, the
transmitter will be completely off and cannot perform any function.
Note: The voltage on the PDN line should not exceed VCC. When used with a higher
voltage source, such as a 5V microcontroller, an open collector line should be used or a
diode placed in series with the control line (anode toward the module). Either method
avoids damage to the module by preventing 5V from being placed on the PDN line while
allowing the line to be pulled low.
USING LADJ
The Level Adjust (LADJ) line allows the transmitter’s output power to be easily
adjusted for range control, lower power consumption, or to meet legal
requirements. This is done by placing a resistor between VCC and LADJ. The
value of the resistor determines the output power level. When LADJ is connected
to VCC, the output power and current consumption will be at its maximum. Figure
4 on Page 3 shows a graph of the output power vs. LADJ resistance.
This line is very useful during FCC testing to compensate for antenna gain or
other product-specific issues that may cause the output power to exceed legal
limits. A variable resistor can be temporarily used so that the test lab can
precisely adjust the output power to the maximum level allowed by law. The
variable resistor’s value can be noted and a fixed resistor substituted for final
testing. Even in designs where attenuation is not anticipated, it is a good idea to
place a resistor pad connected to LADJ and VCC so that it can be used if needed.
For more sophisticated designs, LADJ can be also controlled by a DAC or digital
potentiometer to allow precise and digitally variable output power control.
10
Ω
10
μF
Vcc IN
Vcc TO
MODULE
Figure 7: Supply Filter


Similar Part No. - TXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-315-LR ETC2-TXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
TXM-315-LR ETC2-TXM-315-LR Datasheet
467Kb / 11P
   LR SERIES RECEIVER MODULE DATA
logo
Linx Technologies
TXM-315-LR LINX-TXM-315-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
More results

Similar Description - TXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-FFF-LR LINX-TXM-FFF-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
logo
List of Unclassifed Man...
TXM-315-LR ETC2-TXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com