Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLSP600224001 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # PLSP600224001
Description  AC Input 90-264Vac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLSP600224001 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  PLSP600224001 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLSP600224001 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
LED Power Supply
148 * 73 * 40.2 mm【5.83 * 2.87 * 1.58 inch】
LSP600224001
PLSP600224001
Model Name
SIZE
Reference
Dimensions
Unit
:mm【inch】
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - PLSP600224001

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP600212001 LINKCOM-PLSP600212001 Datasheet
111Kb / 2P
   AC Input 90-264Vac
More results

Similar Description - PLSP600224001

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C601 LINKCOM-PLKBPHE010C601 Datasheet
111Kb / 2P
   AC Input 90-264Vac
PLSP200212002 LINKCOM-PLSP200212002 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPCN030C142 LINKCOM-PLKBPCN030C142 Datasheet
101Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C551 LINKCOM-PLKBPHE010C551 Datasheet
111Kb / 2P
   AC Input 90-264Vac
PLSP200228001 LINKCOM-PLSP200228001 Datasheet
109Kb / 2P
   AC Input 90-264Vac
PLCCS0040172 LINKCOM-PLCCS0040172 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPCE030C701 LINKCOM-PLKBPCE030C701 Datasheet
100Kb / 2P
   AC Input 90-264Vac
PLKBPCN030C112 LINKCOM-PLKBPCN030C112 Datasheet
101Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com