Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLKBPHE010C601 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLKBPHE010C601
Description  AC Input 90-264Vac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLKBPHE010C601 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLKBPHE010C601 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLKBPHE010C601 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 240VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
Reference
◆ EMC: CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 97.5 * 40 * 30.5 mm
◆ Dimension (L*W*H): 3.84 * 1.57 * 1.2 inch
0.549
◆ ROHS Compliant
10
0.671
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
SAFETY
RELATIVE HUMIDITY
OVER V, PROTECTION
(4)Specified for free-air convection cooling.
EMI
DIMENSIONS(L*W*H)
CE EN55015
97.5 * 40 * 30.5 mm【3.84 * 1.57 * 1.2 inch】
FEATURES
PRESET ACCURACY (%) *(8)
O/P NOISE (P-P, V) *(3)
*(9)
Module : BPHE010C601
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Safety: UL / TUV / PSE
0.25
-40 to +80℃
70%
10.2 W
10
10
LEAKAGE CURRENT
10 to +95%
TEMP. COEFFICIENT
0.03% / ℃ (0-50℃, typ)
STORAGE TEMPERATURE
SHORT CIRCUIT PROTECTION
SCP, OTP, OVP will restart automatically after the fault condition is removed
OPERATING TEMP.*(4)
OVER TEMP. PROTECTION
<0.7mA/264VAC
AC CURRENT
TURN ON DELAY TIME, Softstart
3200ms,2000ms at full load 115VAC/230VAC
Range:47-63Hz, Normal:50-60Hz
COLD START 40A @ 230VAC
0.25A/115VAC
INPUT VOLTAGE RANGE
90-264VAC, 127-373VDC, Normal:100-240VAC
LOAD REGULATION (%) *(6)
INPUT FREQUENCY
INRUSH CURRENT (typ)
DC OUTPUT VOLTAGE RANGE (V)
LINE REGULATION (%) *(7)
OUTPUT CURRENT RANGE (A) *(5)
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
Model NO.
Part NO.
LED Driver
97.5 * 40 * 30.5 mm【3.84 * 1.57 * 1.2 inch】
BPHE010C601
PLKBPHE010C601
Model Name
SIZE
norm.
max.
3
17
BPHE010C601
min.
UL1310 / TUV EN61347-2-13 / PSE
◆ AC Input 90~264Vac
◆ Protection: SCP / OTP / OVP
-20 to +60℃@full load
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLKBPHE010C601

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLKBPHE010C201 LINKCOM-PLKBPHE010C201 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
   AC Input 100-240Vac
PLKBPHE010C401 LINKCOM-PLKBPHE010C401 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C451 LINKCOM-PLKBPHE010C451 Datasheet
110Kb / 2P
   AC Input 90-264Vac
More results

Similar Description - PLKBPHE010C601

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLSP200212002 LINKCOM-PLSP200212002 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPCN030C142 LINKCOM-PLKBPCN030C142 Datasheet
101Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C551 LINKCOM-PLKBPHE010C551 Datasheet
111Kb / 2P
   AC Input 90-264Vac
PLSP200228001 LINKCOM-PLSP200228001 Datasheet
109Kb / 2P
   AC Input 90-264Vac
PLCCS0040172 LINKCOM-PLCCS0040172 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPCE030C701 LINKCOM-PLKBPCE030C701 Datasheet
100Kb / 2P
   AC Input 90-264Vac
PLKBPCN030C112 LINKCOM-PLKBPCN030C112 Datasheet
101Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com