Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXD-315-KH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RXD-315-KH
Description  KH SERIES TRANSMITTER / ENCODER DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXD-315-KH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RXD-315-KH Datasheet HTML 1Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 2Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 3Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 4Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 5Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 6Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 7Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 8Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 7
Page 6
POWER SUPPLY REQUIREMENTS
The module does not have an internal voltage
regulator; therefore it requires a clean, well-regulated
power source. While it is preferable to power the unit
from a battery, it can also be operated from a power
supply as long as noise is less than 20mV. Power
supply noise can affect the transmitter modulation;
therefore, providing a clean power supply for the
module should be a high priority during design.
A 10
Ω resistor in series with the supply followed by a
10µF tantalum capacitor from VCC to ground will help in cases where the quality
of supply power is poor. These values may need to be adjusted depending on
the noise present on the supply line.
DATA INPUTS
When the Transmit Enable (TE) line goes high, the states of the eight data input
lines are recorded and encoded for transmission. The data lines are tri-state,
which means that they can be high, low, or floating, though the decoder will
interpret the floating state as a low. This feature means that the data lines do not
require pull-up or pull-down resistors. The states of the data lines can be set by
switches, jumpers, microcontrollers, or hardwired on the PCB.
The encoder will send the states of the address and data lines three times. If the
TE line is still high, it will begin the cycle again. This means that the states of the
data lines are refreshed with each cycle, so the data lines can be changed
without having to pull TE low. There can be up to a 150mS lag in response as
the transmitter finishes one cycle then refreshes and starts over.
ENABLING TRANSMISSION
The module’s Transmit Enable (TE) line controls transmission status. When
taken high, the module initiates transmission, which continues until the line is
pulled low or power to the module is removed. In some cases this line will be
wired permanently to VCC and transmission controlled by switching VCC to the
module. This is particularly useful in applications where the module powers up
and sends a transmission only when a button is pressed on the remote.
USING LADJ
The LADJ line allows the transmitter’s output power to be easily adjusted for
range control, lower power consumption, or to meet legal requirements. This is
done by placing a resistor between GND and LADJ. When LADJ is connected
directly to GND, the output power will be at its maximum. Placing a resistor will
lower the output power by up to 7dB, as shown on Page 3 of this data guide.
This is very useful during FCC testing to compensate for antenna gain or other
product-specific issues that may cause the output power to exceed legal limits.
A variable resistor can be used so that the test lab can precicely adjust the output
power to the maximun level allowed by law. The resistor’s value can be noted
and a fixed resistor substituted for final testing. Even in designs where
attenuation is not anticipated, it is a good idea to place a resistor pad connected
to LADJ and GND so that it can be used if needed.
10
Ω
10
μF
Vcc IN
Vcc TO
MODULE
Figure 10: Supply Filter
ENCODER OPERATION
The KH Series transmitter internally utilizes
the HT640 encoder from Holtek. The
encoder begins a three-word transmission
cycle when the Transmission Enable line
(TE) is pulled high. This cycle will repeat
itself for as long as the TE line is held high.
Once TE falls low, the encoder output
completes its final cycle and then stops as
shown in the Encoder / Decoder Timing
diagram. When a transmission enable signal
is applied, the encoder scans and transmits
the status of the 10 bits of the address code
and the 8 bits of the data serially in the order
A0 to A9, D0 to D7.
The status of each address / data pin can be
individually preset to logic high, low, or
floating. The floating state on the data input
is interpreted as logic low by the decoders
since the decoder output only has two
states. The address pins are usually set to
transmit particular security codes by DIP
switches or PCB wiring, while the data is
selected using push buttons or electronic
switches. The floating state allows the KH transmitter to be used without pull-up
or pull-down resistors on the data and address input lines.
SETTING THE TRANSMITTER ADDRESS
The module provides ten tri-state address lines. This allows for the formation of
up to 59,049 (310) unique transmitter-receiver relationships. Tri-state means that
the address lines have three distinct states: high, low, or floating. These pins
may be hardwired or configured via a microprocessor, DIP switch, or jumpers.
The receiver’s address line states must match the transmitter’s exactly for a
transmission to be recognized. If the transmitted address does not match the
receiver’s local address, then the receiver will take no action.
Power On
Standby Mode
Transmission
Enabled?
Yes
No
3 Data Words
Transmitted
Transmission
Still Enabled?
3 Data Words
Transmitted
Continuously
No
Yes
Figure 8: Encoder Flowchart
Check
Check
< 1 Word
3 Words
Transmitted Continuously
3 Words
1/2 Clock Time
Decoder
Data Out
Decoder VT
Encoder
Data Out
Encoder
Transmit
Enable
1/2 Clock Time
2 Words
2
14
Clocks
2
14
Clocks
Figure 9: Encoder / Decoder Timing Diagram


Similar Part No. - RXD-315-KH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
383Kb / 11P
   KH SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
   KH SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
   KH SERIES RECEIVER/DECODER DATA GUIDE
2005
More results

Similar Description - RXD-315-KH

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
   KH SERIES RECEIVER/DECODER DATA GUIDE
2005
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
   KH SERIES RECEIVER / DECODER DATA GUIDE
LICAL-ENC-MS001 ETC2-LICAL-ENC-MS001 Datasheet
199Kb / 7P
   MS SERIES ENCODER DATA GUIDE
LICAL-ENC-HS0011 ETC2-LICAL-ENC-HS0011 Datasheet
392Kb / 9P
   HS SERIES ENCODER DATA GUIDE
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
   LS SERIES ENCODER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com