Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APHB1608LVBDSYKJ3C Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHB1608LVBDSYKJ3C
Description  Compatible with reflow soldering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608LVBDSYKJ3C Datasheet(HTML) 1 Page - Kingbright Corporation

  APHB1608LVBDSYKJ3C Datasheet HTML 1Page - Kingbright Corporation APHB1608LVBDSYKJ3C Datasheet HTML 2Page - Kingbright Corporation APHB1608LVBDSYKJ3C Datasheet HTML 3Page - Kingbright Corporation APHB1608LVBDSYKJ3C Datasheet HTML 4Page - Kingbright Corporation APHB1608LVBDSYKJ3C Datasheet HTML 5Page - Kingbright Corporation APHB1608LVBDSYKJ3C Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAO4524
REV NO: V.1B
DATE: AUG/01/2015
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.Q.Xie
ERP: 1203015176
1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT
LED
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APHB1608LVBDSYKJ3C
Blue
Super Bright Yellow
Features
1.6mmX0.8mm SMD LED, 0.5mm thickness.
Compatible with reflow soldering.
Available in various color combination.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
Low current IF=2mA operating.
RoHS compliant.
Descriptions
The Blue source color devices are made with InGaN
Light Emitting Diode.
The Super Bright Yellow device is based on light emitting
diode chip made from AlGaInP.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
YELLOW
YELLOW


Similar Part No. - APHB1608LVBDSYKJ3C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LVBDSYKJ3C TO-GRACE-APHB1608LVBDSYKJ3C Datasheet
931Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608LVBDSYKJ3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
   Compatible with reflow soldering
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
   Compatible with reflow soldering
APHB1608LSYKSURKC KINGBRIGHT-APHB1608LSYKSURKC Datasheet
272Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com