Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6503UKN035 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6503UKN035
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6503UKN035 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6503UKN035 Datasheet HTML 1Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 2Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 3Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 4Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 5Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 6Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 7Page - Maxim Integrated Products MAX6503UKN035 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
_______________________________________________________________________________________
7
MAX6503_ _N005
MAX6501_ _P075
+5V
HYST
HYST
GND
GND
VCC
GND
GND
VCC
RPULL-UP
100k
TOVER
TUNDER
OUT OF RANGE
MAX6502_ _P075
HYST
GND
GND
+5V
MAX6504_ _N005
GND
GND
HYST
VCC
VCC
TOVER
TUNDER
OUT OF RANGE
OVERTEMP
UNDERTEMP
Figure 4. Temperature-Window Alarms
MAX6502_ _P075
GND
GND
HYST
+5V
MAX6502_ _P045
GND
GND
HYST
VCC
VCC
TOVER
TOVER
TEMPERATURE
FAULT
FAN
CONTROL
µP
HEAT
HEAT
Figure 5. Low-Power, High-Reliability, Fail-Safe Temperature
Monitor
Table 2. Device Marking Codes for SOT23-5 Package
MAX6502UKP115
2.5k
ACFY
MAX6502UKP105
10k
ACFZ
MAX6504UKP015
10k
ADKE
MAX6504UKP005
2.5k
ABZY
MAX6504UKN005
10k
ACAT
MAX6504UKN015
2.5k
ACGD
MAX6504UKN025
10k
ACAV
MAX6504UKN035
10k
ACAW
MAX6504UKN045
10k
ACAX
DEVICE
MINIMUM
ORDER
CODE
MAX6503UKP015
10k
ACAM
MAX6503UKP005
2.5k
ABZX
MAX6503UKN005
10k
ACAN
MAX6503UKN015
2.5k
ACFX
MAX6503UKN025
10k
ACAP
MAX6503UKN035
10k
ACAQ
MAX6503UKN045
10k
ADIZ
MAX6502UKP095
2.5k
ABZW
MAX6502UKP085
2.5k
ACGA
MAX6502UKP075
2.5k
ACGB
MAX6502UKP065
2.5k
ABZV
MAX6502UKP055
2.5k
ACGC
MAX6502UKP045
2.5k
ABZU
MAX6502UKP035
10k
ABZG
MAX6501UKP115
2.5k
ACAG
MAX6501UKP105
10k
ACFU
MAX6501UKP095
2.5k
ABZT
MAX6501UKP085
2.5k
ACDP
MAX6501UKP075
2.5k
ACFV
MAX6501UKP065
2.5k
ABZS
MAX6501UKP055
2.5k
ACFW
MAX6501UKP045
2.5k
ABZR
MAX6501UKP035
10k
ABZF
DEVICE
MINIMUM
ORDER
CODE


Similar Part No. - MAX6503UKN035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6503UK____+T MAXIM-MAX6503UK____+T Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
More results

Similar Description - MAX6503UKN035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6514 MAXIM-MAX6514 Datasheet
266Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 0; 1/04
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Analog Devices
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com