Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8177-TB7-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # T8177-TB7-T
Description  VERTICAL DEFLECTION BOOSTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

T8177-TB7-T Datasheet(HTML) 1 Page - Unisonic Technologies

  T8177-TB7-T Datasheet HTML 1Page - Unisonic Technologies T8177-TB7-T Datasheet HTML 2Page - Unisonic Technologies T8177-TB7-T Datasheet HTML 3Page - Unisonic Technologies T8177-TB7-T Datasheet HTML 4Page - Unisonic Technologies T8177-TB7-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
T8177
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R121-011,A
VERTICAL DEFLECTION
BOOSTER
DESCRIPTION
The UTC T8177 is a vertical deflection booster integrated circuit
and designed for CRT monitors and high performance TVs. It is
intended to delivers flyback voltages up to 70V.
The T8177 supplies with up to 35V and provides a maximum
output current up to 3.0A peak to peak to drive the deflection yoke
with a high efficiency.
The UTC T8177 is offered in HEPTAWATT package.
FEATURES
* Deflection current can be 3.0A peak value
* Deflection voltage up to 70V (on Pin 5)
* Flyback Generator
* Thermal Protection Circuit
* Supports DC Coupling
*Pb-free plating product number: T8177L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
T8177-TB7-T
T8177L-TB7-T
TO-220Z7
Tube


Similar Part No. - T8177-TB7-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T8177-TB7-T UTC-T8177-TB7-T Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
More results

Similar Description - T8177-TB7-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
   VERTICAL DEFLECTION BOOSTER
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
   VERTICAL DEFLECTION BOOSTER
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
   VERTICAL DEFLECTION BOOSTER
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
   VERTICAL DEFLECTION BOOSTER
TDA8177 STMICROELECTRONICS-TDA8177 Datasheet
77Kb / 5P
   VERTICAL DEFLECTION BOOSTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com