Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8172-TB7-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # T8172-TB7-T
Description  VERTICAL DEFLECTION OUTPUT CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

T8172-TB7-T Datasheet(HTML) 3 Page - Unisonic Technologies

  T8172-TB7-T Datasheet HTML 1Page - Unisonic Technologies T8172-TB7-T Datasheet HTML 2Page - Unisonic Technologies T8172-TB7-T Datasheet HTML 3Page - Unisonic Technologies T8172-TB7-T Datasheet HTML 4Page - Unisonic Technologies T8172-TB7-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T8172
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-009,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (pin 2)
VCC
35
V
Flyback Peak Voltage
V5, V6
60
V
Voltage at Pin 3
V3
+ VCC
Amplifier Input Voltage
V1, V7
+ Vcc – 0.5
V
Output Peak Current
(non repetitive, t = 2 ms)
IO(PEAK)
2.5
A
Output Peak Current
( f = 50 or 60 Hz, t ≤ 10 us )
IO(PEAK)
3
A
Output Peak Current
( f = 50 or 60 Hz, t > 10 us )
IO(PEAK)
2
A
Pin 3 DC Current at V5 <V2
I3
100
mA
Pin 3 Peak to Peak Flyback Current
( f = 50 or 60 Hz, tfb ≤ 1.5 ms )
I3
3
A
Total Power Dissipation
(TC = 90 °C )
PD
20
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Thermal Resistance Junction-Case
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (Ta = 25°C, VCC = 35V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Pin 2 Quiescent Current
I2
I3 =0, I5 =0
8
16
mA
Pin 6 Quiescent Current
I6
I3 =0, I5 = 0
16
36
mA
V1 = 1V, V7 = 2V
-
0.1
-
1
μA
Amplifier Input Bias Current
I1
V1 = 2V, V7 = 1V
-
0.1
-
1
μA
Pin 3 Saturation Voltage to GND
V3L
I3 = 20mA
1
1.5
V
Quiescent Output Voltage
V5
VCC = 35V, Ra =39kW
18
V
I5 = 1.2A
1
1.4
V
Output Saturation Voltage to GND
V5L
I5 = 0.7A
0.7
1
V
-I5 = 1.2A
1.6
2.2
V
Output Saturation Voltage to Supply
V5H
-I5 = 0.7A
1.3
1.8
V
Thermal Shutdown Junction Temperature
TJ
140
°C


Similar Part No. - T8172-TB7-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T8172-TB7-T UTC-T8172-TB7-T Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results

Similar Description - T8172-TB7-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7875N SANYO-LA7875N Datasheet
40Kb / 4P
   Vertical Deflection Output Circuit
logo
STMicroelectronics
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Unisonic Technologies
T78040 UTC-T78040_15 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040 Datasheet
102Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com