Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBA8206G-XX-D20-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # RBA8206G-XX-D20-T
Description  REMOTE FAN CONTROL IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RBA8206G-XX-D20-T Datasheet(HTML) 5 Page - Unisonic Technologies

  RBA8206G-XX-D20-T Datasheet HTML 1Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 2Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 3Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 4Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 5Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 6Page - Unisonic Technologies RBA8206G-XX-D20-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RBA8206
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R109-032.a
FUNCTION DERCRIPTION
The UTC RBA8206 is an electronic fan control IC, it use electronic touch switch and timer replace the traditional
switch and timer. UTC RBA8206 improved nature wind and sleep wind mode expect hold the traditional fan
functions, and improved a swing control and light control function.
UTC RBA8206 cooperate with the UTC
RBA5104 encode IC, implement the remote control of the fan.
“OFF” key:
It used to shut down the power of motor, fan stop operating, and the control circuit resume static state, and stored
he operate mode of power on. When started next time, it is activated into the operation mode stored in the operation
memory. (Timer and sleep wind mode will not be stored)
“ON/SPEED” key:
It start fan if pressed when fan is off.
It turn on the fan with middle wind for increase start moment. After three
second, it resume low wind mode, or the operation mode stored in the operating memory.
This key set the operate mode when fan is on, if successive pressing of ON/SPEED key, it will operate as low
wind, middle wind, strong wind, low wind, middle wind ……go along with cycle.
“MODE” key:
It used to select the operating mode.
If pressed successively when fan is on, it will operate as follows: normally
wind, nature wind, sleep wind, normally, nature wind …go along with cycle.
A) Ordinary wind: the he wind speed is set by SPEED key and does not change as time passes.
B) Nature wind: it is set in program, and operate with “SPEED” key, can produce strong nature wind, middle nature
wind, low nature wind, simulate the really nature wind.
C) Sleep wind: In sleep wind mode, the wind speed steps down automatically one level every interval, until it
reaches low wind level.
Where is the rule of down:
1) If fan set in strong wind mode at first, it operate in strong nature wind for half an hour, then switch into middle
nature wind, after half an hour switch into low nature wind, until the preset time end or turn off fan.
2) If fan set in middle wind mode at first, it operates in middle nature wind for half an hour,
then switch into low
nature wind, until the preset time end or turn off fan.
3) If fan set in low nature wind at first, it operates in low nature wind, until the preset time end or turn off.
“TIMER” key:
This key used to set the preset off time.
Type mark with “A4” mean have four section time output (0.5, 1, 2, 4hour) accumulated.
When fan is in the time mode, LED will indicate the remain time, means the fan will stop after the display time.
“SWING” key:
If pressed when fan is in the operate mode, it can control the fan swing, it is invalid when fan stooped.
“LIGHT” key:
It is used to control light, is independent of the operate mode.
Buzzer output:
1) Turn on send out “Bi-Bi”
2) Turn off send out “Bi-”
3) Other available operate (include key press and remote controller receive) send out “Bi”


Similar Part No. - RBA8206G-XX-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
More results

Similar Description - RBA8206G-XX-D20-T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com