Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7106G-R40-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7106G-R40-T
Description  CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106G-R40-T Datasheet(HTML) 5 Page - Unisonic Technologies

  7106G-R40-T Datasheet HTML 1Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 2Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 3Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 4Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 5Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 6Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 7Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 8Page - Unisonic Technologies 7106G-R40-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 18
www.unisonic.com.tw
QW-R502-018.E
TYPICAL APPLICATIONS AND TEST CIRCUIT
(LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE)
UTC 7106
DISPLAY
R3
C4
R1
R4
C1
R5
C5
IN
+
-
C2 R2 C3
DISPLAY
C1=0.1μF
C2=0.47μF
C3=0.22μF
C4=100pF
C5=0.02μF
R1=24kΩ
R2=47kΩ
R3=91kΩR
4=1kΩ
R5=1MΩ
+
-
9V


Similar Part No. - 7106G-R40-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106G-R40-T UTC-7106G-R40-T Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
7106G-R40-T UTC-7106G-R40-T Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
More results

Similar Description - 7106G-R40-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES-R-2X01B-M ETC2-ES-R-2X01B-M Datasheet
360Kb / 20P
   Converters Manual
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
TDK Electronics
EZA11K-320240 TDK-EZA11K-320240 Datasheet
145Kb / 1P
   Bidirectional Converters
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
Micro Electronics
MMC4049 MICRO-ELECTRONICS-MMC4049 Datasheet
106Kb / 3P
   HEXBUFFER / CONVERTERS
logo
Bel Fuse Inc.
IBX15 BEL-IBX15 Datasheet
1Mb / 11P
   Boost Converters
logo
TDK Electronics
EZA2500W-32048 TDK-EZA2500W-32048 Datasheet
139Kb / 1P
   Bidirectional Converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
logo
TDK Electronics
EZA2500-32048 TDK-EZA2500-32048 Datasheet
142Kb / 1P
   Bidirectional Converters
logo
EPCOS
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
   Frequency converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com