Electronic Components Datasheet Search |
|
MAX6312UK29D1-T Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX6312UK29D1-T Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 16 page currents, holding RESET low (Figure 4). The pull-down resistor’s value is not critical; 100k Ω is large enough not to load RESET and small enough to pull RESET to ground. For applications where RESET must be valid to VCC, a 100kΩ pull-up resistor between RESET and VCC will hold RESET high when VCC falls below 1V (Figure 5). Since the MAX6305/MAX6306/MAX6307 have open- drain, active-low outputs, they typically use a pull-up resistor. With these devices and under these conditions (VCC < 1V), RESET will most likely not maintain an active condition, but will drift toward a nonactive level due to the pull-up resistor and the RESET output’s reduction in sinking capability. These devices are not recommended for applications that require a valid RESET output below 1V. SUFFIX TA = +25°C TA = 0°C to +70°C UK00 Preprogrammed Threshold Not Available Preprogrammed Threshold Not Available UK50 4.925 5.000 5.075 4.875 5.125 UK49 4.827 4.900 4.974 4.778 5.023 UK48 4.728 4.800 4.872 4.680 4.920 UK47 4.630 4.700 4.771 4.583 4.818 UK46 4.561 4.630 4.699 4.514 4.746 UK45 4.433 4.500 4.568 4.388 4.613 UK44 4.314 4.380 4.446 4.270 4.490 UK43 4.236 4.300 4.365 4.193 4.408 UK42 4.137 4.200 4.263 4.095 4.305 UK41 4.039 4.100 4.162 3.998 4.203 UK40 3.940 4.000 4.060 3.900 4.100 UK39 3.842 3.900 3.959 3.803 3.998 UK38 3.743 3.800 3.857 3.705 3.895 UK37 3.645 3.700 3.756 3.608 3.793 UK36 3.546 3.600 3.654 3.510 3.690 UK35 3.448 3.500 3.553 3.413 3.588 UK34 3.349 3.400 3.451 3.315 3.485 UK33 3.251 3.300 3.350 3.218 3.383 UK32 3.152 3.200 3.248 3.120 3.280 UK31 3.034 3.080 3.126 3.003 3.157 UK30 2.955 3.000 3.045 2.925 3.075 UK29 2.886 2.930 2.974 2.857 3.000 UK28 2.758 2.800 2.842 2.730 2.870 UK27 2.660 2.700 2.741 2.633 2.768 UK26 2.591 2.630 2.669 2.564 2.696 UK25 2.463 2.500 2.538 2.438 2.563 * Factory-trimmed reset thresholds are available in approximately 100mV increments with a ±1.5% room-temperature variance. MIN TYP MAX MIN MAX 5-Pin, Multiple-Input, Programmable Reset ICs 8 _______________________________________________________________________________________ MAX6308 MAX6309 MAX6310 GND 100k VCC VCC RESET MAX6311 MAX6312 MAX6313 GND 100k VCC VCC RESET Figure 4. Ensuring RESET Valid to VCC = 0V Figure 5. Ensuring RESET Valid to VCC = 0V Table 1. Factory-Trimmed Reset Thresholds* |
Similar Part No. - MAX6312UK29D1-T |
|
Similar Description - MAX6312UK29D1-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |