Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6312UK30D4-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6312UK30D4-T
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6312UK30D4-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6312UK30D4-T Datasheet HTML 1Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 2Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 3Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 4Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 5Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 6Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 7Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 8Page - Maxim Integrated Products MAX6312UK30D4-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
-60
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.5V
VCC = 3.5V
VCC = 5.5V
VCC = 4.5V
0
10
20
30
40
50
60
70
80
-60
-40
-20
0
20
40
60
80
100
VCC FALLING PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
1mV
µs
10mV
µs
0
10
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
OVRST IN RISING PROPAGATION
DELAY vs. TEMPERATURE
(OVERVOLTAGE RESET INPUT)
TEMPERATURE (°C)
1mV
µs
10mV
µs
0
20
40
60
80
100
120
-60
-40
-20
0
20
40
60
80
100
RST IN_ FALLING PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (°C)
1mV
µs
10mV
µs
1
0
400
1200
800
MAXIMUM TRANSIENT DURATION vs.
VCC RESET THRESHOLD OVERDRIVE
10
OVERDRIVE, VTH - VCC (mV)
100
1000
10,000
VTH = 5.0V
RESET OCCURS ABOVE LINES
VTH = 2.5V
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-60
-40
-20
0
20
40
60
80
100
RESET TIMEOUT
vs. TEMPERATURE
TEMPERATURE (°C)
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
-60
-40
-20
0
20
40
60
80
100
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
1
0
400
1200
800
MAXIMUM TRANSIENT DURATION vs.
OVRST IN THRESHOLD OVERDRIVE
10
OVERDRIVE, VOVRST IN - VREF (mV)
100
1000
10,000
VTH = 5.0V
RESET OCCURS ABOVE LINES
VTH = 3.0V
1
0
400
1200
800
MAXIMUM TRANSIENT DURATION vs.
RST IN_ THRESHOLD OVERDRIVE
10
OVERDRIVE, VREF - VRST IN (mV)
100
1000
10,000
VTH = 5.0V
RESET OCCURS ABOVE LINES
VTH = 3.0V


Similar Part No. - MAX6312UK30D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6312UK29D3-T MAXIM-MAX6312UK29D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK29D3-T MAXIM-MAX6312UK29D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UK46D3-T MAXIM-MAX6312UK46D3-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6312UKD-T MAXIM-MAX6312UKD-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6312UK30D4-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com