Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7251V Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7251V
Description  High Speed CAN-Transceiver with Bus Wake-up
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7251V Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7251V Datasheet HTML 2Page - Infineon Technologies AG TLE7251V Datasheet HTML 3Page - Infineon Technologies AG TLE7251V Datasheet HTML 4Page - Infineon Technologies AG TLE7251V Datasheet HTML 5Page - Infineon Technologies AG TLE7251V Datasheet HTML 6Page - Infineon Technologies AG TLE7251V Datasheet HTML 7Page - Infineon Technologies AG TLE7251V Datasheet HTML 8Page - Infineon Technologies AG TLE7251V Datasheet HTML 9Page - Infineon Technologies AG TLE7251V Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TLE7251VLE
TLE7251VSJ
Pin Configuration
Data Sheet
6
Rev. 1.0, 2015-09-10
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration
3.2
Pin Definitions
Table 1
Pin definitions and functions
Pin No.
Symbol
Function
1TxD
Transmit Data Input;
internal pull-up to
V
IO, “low” for “dominant” state.
2GND
Ground
3
V
CC
Transmitter Supply Voltage;
100 nF decoupling capacitor to GND required,
V
CC can be turned off in stand-by mode.
4RxD
Receive Data Output;
“low” in “dominant” state.
5
V
IO
Digital Supply Voltage;
supply voltage input to adapt the logical input and output voltage levels of the
transceiver to the microcontroller supply,
supply for the low-power receiver,
100 nF decoupling capacitor to GND required.
6CANL
CAN Bus Low Level I/O;
“low” in “dominant” state.
7CANH
CAN Bus High Level I/O;
“high” in “dominant” state.
TxD
STB
VIO
1
2
3
4
8
7
6
5
GND
VCC
RxD
CANH
CANL
1
2
3
4
8
7
6
5
TxD
GND
VCC
RxD
STB
VIO
CANH
CANL
(Top-side x-ray view)
PAD


Similar Part No. - TLE7251V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7251VLE INFINEON-TLE7251VLE Datasheet
32Kb / 1P
   Material Content Data Sheet
23. September 2015
TLE7251VLE INFINEON-TLE7251VLE_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
23. September 2015
TLE7251VSJ INFINEON-TLE7251VSJ Datasheet
33Kb / 1P
   Material Content Data Sheet
23. September 2015
TLE7251VSJ INFINEON-TLE7251VSJ_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
23. September 2015
More results

Similar Description - TLE7251V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
TLE6251-3G INFINEON-TLE6251-3G Datasheet
1Mb / 36P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.1, 2011-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com