Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP070N08N3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP070N08N3G
Description  N-channel, normal level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP070N08N3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP070N08N3G_15 Datasheet HTML 1Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 2Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 3Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 4Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 5Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 6Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 7Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 8Page - Infineon Technologies AG IPP070N08N3G_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPP070N08N3 G IPI070N08N3 G
IPB067N08N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
-85B
=1<B
5C9
CD
1>3 5 :E>3 D
9
? >3 1C5
R `T@8
%
%
)&)
A'K
-85B
=1<B
5C9
CD
1>3 5
R `T@6
=9
>9
=1<6? ? D
@B
9
>D
 
:E>3 D
9
? >1=2 9
5>D
 3 =
* 3 ? ? <9>7 1B51,#
%
%
,(
Electrical characteristics,
1DT V   T  E><5CC? D85BG9C5 C@53 96954
Static characteristics
 B
19
>C? EB
3 5 2 B
51;4? G> F? <D
175
V "7G#9HH V =H .  I 9=
0(
%
%
J
!1D
5 D
8B
5C8? <4 F? <D
175
V =H"`T#
V 9H4V =H I 9   V 
*
*&0
+&-
05B
? 71D
5 F? <D
175 4B
19
> 3 EB
B
5>D
I 9HH
V 9H  .  V =H . 
T V   T
%
(&)
)
r6
V 9H  .  V =H . 
T V  T
%
)(
)((
!1D
5C? EB
3 5 <51;175 3 EB
B
5>D
I =HH
V =H  .  V 9H .
%
)
)((
Z6
 B
19
>C? EB
3 5 ? >CD
1D
5 B
5C9
CD
1>3 5
R 9H"[Z#
V =H .  I 9   
%
-&0
/
Y"
V =H  .  I 9   
%
/&,
)*&+
 B
19
>C? EB
3 5 ? >CD
1D
5 B
5C9
CD
1>3 5
R 9H"[Z#
V =H .  I 9    
"HB9#
%
-&-
.&/
V =H  .  I 9    
"HB9#
%
/&)
)*&(
!1D
5 B
5C9
CD
1>3 5
R =
%
)&1
%
"
I^MZ_O[ZPaO`MZOQ
g R_
gV 9Hg5*gI 9gR 9H"[Z#YMd
I 9   
,.
1)
%
H
,#  5F935 ? > == H == H  == 5@? HI ) 
+  G9
D
8  3 =
* ? >5 <1I5B V = D893; 3 ? @@5B1B51 6? B4B19>
3 ? >>53 D
9
? > )   9
CF5B
D
9
3 1<9
> CD
9
<<19
B
Values
+ 5F  
@175 
 


Similar Part No. - IPP070N08N3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
More results

Similar Description - IPP070N08N3G_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com